Electronic Components Datasheet Search
  English  ▼

X  

MIC861 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC861
Description  Ultra-Low Power Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC861 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC861 Datasheet HTML 5Page - Microchip Technology MIC861 Datasheet HTML 6Page - Microchip Technology MIC861 Datasheet HTML 7Page - Microchip Technology MIC861 Datasheet HTML 8Page - Microchip Technology MIC861 Datasheet HTML 9Page - Microchip Technology MIC861 Datasheet HTML 10Page - Microchip Technology MIC861 Datasheet HTML 11Page - Microchip Technology MIC861 Datasheet HTML 12Page - Microchip Technology MIC861 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
 2020 Microchip Technology Inc.
DS20006347A-page 9
MIC861
FIGURE 2-19:
Gain Bandwidth and Phase
Margin.
FIGURE 2-20:
Unity Gain Frequency
Response.
-50
-40
-30
-20
-10
0
10
20
30
40
50
FREQUENCY (Hz)
1k
10k
100k
1M
Av = 1
V+ = 1.35V
V– = –1.35V
R
L = 1M
-225
-180
-135
-90
-45
0
45
90
135
180
225
FIGURE 2-21:
Unity Gain Frequency
Response.
FIGURE 2-22:
Gain Frequency Response.
FIGURE 2-23:
Gain Bandwidth and Phase
Margin.
FIGURE 2-24:
Closed-Loop Unity Gain
Frequency Response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com