Electronic Components Datasheet Search
  English  ▼

X  

MIC2104 Datasheet(PDF) 20 Page - Microchip Technology

Part # MIC2104
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2104 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MIC2104 Datasheet HTML 16Page - Microchip Technology MIC2104 Datasheet HTML 17Page - Microchip Technology MIC2104 Datasheet HTML 18Page - Microchip Technology MIC2104 Datasheet HTML 19Page - Microchip Technology MIC2104 Datasheet HTML 20Page - Microchip Technology MIC2104 Datasheet HTML 21Page - Microchip Technology MIC2104 Datasheet HTML 22Page - Microchip Technology MIC2104 Datasheet HTML 23Page - Microchip Technology MIC2104 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
MIC2103/4
DS20005899A-page 20
 2017 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
VDD
Internal +5V linear regulator output. VDD is the internal supply bus for the device. A
1 μF ceramic capacitor from VDD to AGND is required for decoupling. In the
applications with VIN < +5.5V, VDD should be tied to VIN to bypass the linear regulator.
2
PVDD
5V supply input for the low-side N-channel MOSFET driver, which can be tied to VDD
externally. A 1 μF ceramic capacitor from PVDD to PGND is recommended for
decoupling.
3
ILIM
Current-Limit Setting. Connect a resistor from SW to ILIM to set the overcurrent
threshold for the converter.
4
DL
Low-Side Drive output. High-current driver output for external low-side MOSFET of a
buck converter. The DL driving voltage swings from ground to VDD. Adding a small
resistor between DL pin and the gate of the low-side N-channel MOSFET can slow
down the turn-on and turn-off speed of the MOSFET.
5
PGND
Power Ground. PGND is the return path for the buck converter power stage and the
low-side MOSFET driver. The PGND pin connects to the sources of low-side
N-channel external MOSFET, the negative terminals of input capacitors, and the
negative terminals of output capacitors. The return path for the power ground should
be as small as possible and separate from the Signal ground (AGND) return path.
6
FREQ
Switching Frequency Adjust input. Tie this pin to VIN to operate at 600 kHz and place
a resistor divider to reduce the frequency.
7
DH
High-Side Drive output. High-current driver output for external high-side MOSFET of a
buck converter. The DH driving voltage is floating on the switch node voltage (VSW).
Adding a small resistor between DH pin and the gate of the high-side N-channel
MOSFET can slow down the turn-on and turn-off speed of the MOSFET.
8
SW
Switch node, current-sense input, and high-current high-side MOSFET driver return
path. The SW pin connects directly to the switch node. Due to the high-speed
switching on this pin, the SW pin should be routed away from sensitive nodes. The
SW pin also senses the current by monitoring the voltage across the low-side
MOSFET during OFF time. In order to sense the current accurately, connect the
low-side MOSFET drain to the SW pin using a Kelvin connection.
9, 11
NC
No connection.
10
BST
Voltage Supply Pin input for the high-side N-channel MOSFET driver, which can be
powered by a bootstrapped circuit connected between VDD and SW, using a Schottky
diode and a 0.1 μF ceramic capacitor. Adding a small resistor at BST pin can slow
down the turn-on speed of the high-side MOSFET.
12
AGND
Signal ground for VDD and the control circuitry, which is connected to Thermal Pad
electronically. The signal ground return path should be separate from the power
ground (PGND) return path.
13
FB
Feedback input. Input to the transconductance amplifier of the control loop. The FB
pin is regulated to 0.8V. A resistor divider connecting the feedback to the output is
used to set the desired output voltage.
14
PG
Power Good output. Open-Drain Output, an external pull-up resistor to VDD or
external power rail is required.
15
EN
Enable input. A logic signal to enable or disable the buck converter operation. The EN
pin is CMOS compatible. Logic high enables the device, logic low disables the
regulator. In the disable mode, the VDD supply current for the device is minimized to
0.7 mA typically.
16
VIN
Supply voltage. The VIN operating voltage range is from 4.5V to 75V. A 1 μF ceramic
capacitor from VIN to AGND is required for decoupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com