Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCAE4A Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PIMXRT406LCAE4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCAE4A Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PIMXRT406LCAE4A Datasheet HTML 15Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 16Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 17Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 18Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 19Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 20Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 21Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 22Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
Electrical characteristics
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
19
4.1.6
Low power mode supply currents
Table 12 shows the current core consumption (not including I/O) of i.MX RT1015 processors in selected
low power modes.
4.1.7
USB PHY current consumption
4.1.7.1
Power down mode
In power down mode, everything is powered down, including the USB VBUS valid detectors in typical
condition. Table 13 shows the USB interface current consumption in power down mode.
Table 12. Low power mode current and power consumption
Mode
Test Conditions
Supply
Typical1
1 The typical values shown here are for information only and are not guaranteed. These values are average values measured
on a typical process wafer at 25oC.
Units
SYSTEM IDLE
• LDO_ARM and LDO_SOC set to the Bypass
mode
• LDO_2P5 set to 2.5 V, LDO_1P1 set to 1.1 V
• CPU in WFI, CPU clock gated
• 24 MHz XTAL is ON
• System PLL is active, other PLLs are power down
• Peripheral clock gated, but remain powered
DCDC_IN (3.3 V)
3.82
mA
VDD_HIGH_IN (3.3 V)
5.93
VDD_SNVS_IN (3.3 V)
0.025
Total
32.258
mW
LOW POWER IDLE
• LDO_SOC is in the Bypass mode, LDO_ARM is
in the PG mode
• LDO_2P5 and LDO_1P1 are set to Weak mode
• CPU in Power Gate mode
• All PLLs are power down
• 24 MHz XTAL is off, 24 MHz RCOSC used as
clock source
• Peripheral are powered off
DCDC_IN (3.3 V)
1.13
mA
VDD_HIGH_IN (3.3 V)
0.287
VDD_SNVS_IN (3.3 V)
0.046
Total
4.828
mW
SUSPEND
(DSM)
• LDO_SOC is in the Bypass mode, LDO_ARM is
in the PG mode
• LDO_2P5 and LDO_1P1 are shut off
• CPU in Power Gate mode
• All PLLs are power down
• 24 MHz XTAL is off, 24 MHz RCOSC is off
• All clocks are shut off, except 32 kHz RTC
• Peripheral are powered off
DCDC_IN (3.3 V)
0.19
mA
VDD_HIGH_IN (3.3 V)
0.09
VDD_SNVS_IN (3.3 V)
0.018
Total
1.019
mW
SNVS (RTC)
• All SOC digital logic, analog module are shut off
• 32 kHz RTC is alive
DCDC_IN (0 V)
0
mA
VDD_HIGH_IN (0 V)
0
VDD_SNVS_IN (3.3 V)
0.018
Total
0.059
mW
Table 13. USB PHY current consumption in power down mode
VDD_USB_CAP (3.0 V)
VDD_HIGH_CAP (2.5 V)
NVCC_PLL (1.1 V)
Current
5.1
A
1.7
A
< 0.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com