Electronic Components Datasheet Search
  English  ▼

X  

SFS1004GH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFS1004GH
Description  10A, 50V - 600V Super Fast Surface Mount Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFS1004GH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFS1004GH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFS1004GH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFS1004GH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SFS1004GH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SFS1004GH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SFS1004GH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SFS1001GH
– SFS1008GH
Taiwan Semiconductor
1
Version: A2103
10A, 50V - 600V Super Fast Surface Mount Rectifier
FEATURES
● AEC-Q101 qualified
● Low forward voltage drop
● Ideal for automated placement
● High current capability
● High surge current capability
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● DC to DC converter
● Automotive application
● Car lighting
● Snubber
● Freewheeling application
MECHANICAL DATA
● Case: TO-263AB (D
2PAK)
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: As marked
● Weight: 1.37g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
10
A
VRRM
50 - 600
V
IFSM
125
A
TJ MAX
150
°C
Package
TO-263AB (D
2PAK)
Configuration
Dual dies
TO-263AB (D
2PAK)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
SFS
1001
GH
SFS
1002
GH
SFS
1003
GH
SFS
1004
GH
SFS
1005
GH
SFS
1006
GH
SFS
1007
GH
SFS
1008
GH
UNIT
Marking code on the device
SFS
1001G
SFS
1002G
SFS
1003G
SFS
1004G
SFS
1005G
SFS
1006G
SFS
1007G
SFS
1008G
Repetitive peak reverse
voltage
VRRM
50
100
150
200
300
400
500
600
V
Reverse voltage, total rms
value
VR(RMS)
35
70
105
140
210
280
350
420
V
Forward current
IF
10
A
Surge peak forward current,
8.3ms single half sine wave
superimposed on rated load
IFSM
125
A
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C


Similar Part No. - SFS1004GH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFS1004G TSC-SFS1004G Datasheet
143Kb / 2P
10.0AMPS Surface Mount Super Fast Rectifiers
SFS1004G TSC-SFS1004G Datasheet
389Kb / 4P
Surface Mount Super Fast Rectifiers
More results

Similar Description - SFS1004GH

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ED1002CS WTE-ED1002CS Datasheet
49Kb / 3P
10A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
logo
WILLAS ELECTRONIC CORP
SFM21L WILLAS-SFM21L Datasheet
885Kb / 2P
2.0A SURFACE MOUNT SUPER FAST RECTIFIERS -50V- 600V
SGFM101C-D2 WILLAS-SGFM101C-D2 Datasheet
242Kb / 3P
10.0A SURFACE MOUNT SUPER FAST RECTIFIERS -50V- 600V
logo
Frontier Electronics.
SF1005FCT FRONTIER-SF1005FCT Datasheet
1Mb / 2P
10A SUPER FAST RECOVERY RECTIFIER 50V-600V
logo
Taiwan Memory Technolog...
ES1A TMT-ES1A_16 Datasheet
366Kb / 4P
1A, 50V - 600V Surface Mount Super Fast Rectifiers
logo
PACELEADER INDUSTRIAL
ES1A PACELEADER-ES1A_17 Datasheet
431Kb / 2P
1.0A Surface Mount Super Fast Recovery Rectifier 50V~600V
logo
Taiwan Semiconductor Co...
ES3AB TSC-ES3AB Datasheet
337Kb / 8P
3A, 50V - 600V Surface Mount Super Fast Rectifier
TPMR10DH TSC-TPMR10DH Datasheet
618Kb / 6P
10A, 200V - 600V Super Fast Surface Mount Rectifier
SFS1601GH TSC-SFS1601GH Datasheet
590Kb / 6P
16A, 50V - 600V Super Fast Surface Mount Rectifier
ES2AAH TSC-ES2AAH Datasheet
568Kb / 6P
2A, 50V - 600V Super Fast Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com