Electronic Components Datasheet Search
  English  ▼

X  

S5AH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S5AH
Description  5A, 50V - 1000V Surface Mount Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S5AH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S5AH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S5AH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S5AH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S5AH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd S5AH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd S5AH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S5AH
– S5MH
Taiwan Semiconductor
1
Version: A2102
5A, 50V - 1000V Surface Mount Rectifier
FEATURES
● AEC-Q101 qualified
● Glass passivated chip junction
● Ideal for automated placement
● Low forward voltage drop
● High current capability
● High surge current capability
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● DC to DC converter
● Automotive application
● Car lighting
● Snubber
● General purpose
MECHANICAL DATA
● Case: DO-214AB (SMC)
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.210g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
5
A
VRRM
50 - 1000
V
IFSM
100
A
TJ MAX
150
°C
Package
DO-214AB (SMC)
Configuration
Single die
DO-214AB (SMC)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
S5
AH
S5
BH
S5
DH
S5
GH
S5
JH
S5
KH
S5
MH
UNIT
Marking code on the device
S5A
S5B
S5D
S5G
S5J
S5K
S5M
Repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Reverse voltage, total rms value
VR(RMS)
35
70
140
280
420
560
700
V
Forward current
IF
5
A
Peak forward surge current, 8.3ms
single half sine wave superimposed
on rated load
IFSM
100
A
Junction temperature
TJ
- 55 to +150
°C
Storage temperature
TSTG
- 55 to +150
°C


Similar Part No. - S5AH

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5A MCC-S5A Datasheet
345Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
logo
Semikron International
S5A SEMIKRON-S5A Datasheet
113Kb / 2P
Standard silicon rectifier diodes
logo
Won-Top Electronics
S5A WTE-S5A Datasheet
51Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S5A TSC-S5A Datasheet
53Kb / 2P
5.0 AMPS. Surface Mount Rectifiers
logo
Diotec Semiconductor
S5A DIOTEC-S5A Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
More results

Similar Description - S5AH

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
S1AL TMT-S1AL_16 Datasheet
185Kb / 4P
1A, 50V - 1000V Surface Mount Rectifier
S5A TMT-S5A_16 Datasheet
359Kb / 4P
5A, 50V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S5AC-K TSC-S5AC-K Datasheet
312Kb / 5P
5A, 50V - 1000V Surface Mount Rectifier
S5GBH TSC-S5GBH Datasheet
414Kb / 6P
5A, 400V - 1000V Surface Mount Rectifier
S4AH TSC-S4AH Datasheet
584Kb / 6P
4A, 50V - 1000V Surface Mount Rectifier
S3AH TSC-S3AH Datasheet
577Kb / 6P
3A, 50V - 1000V Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S3ABH TS-S3ABH Datasheet
553Kb / 6P
3A, 50V - 1000V Surface Mount Rectifier
S2AAH TS-S2AAH Datasheet
561Kb / 6P
1.5A, 50V - 1000V Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S3ABH TSC-S3ABH Datasheet
553Kb / 6P
3A, 50V - 1000V Surface Mount Rectifier
S2AAH TSC-S2AAH Datasheet
561Kb / 6P
1.5A, 50V - 1000V Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com