Electronic Components Datasheet Search
  English  ▼

X  

552883 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 552883
Description  Quarter turn actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

552883 Datasheet(HTML) 2 Page - Festo Corporation.

  552883 Datasheet HTML 1Page - Festo Corporation. 552883 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Spring return torque at 0° swivel angle
20 Nm
Spring return torque with 50° swivel angle
15 Nm
Spring return torque with 90° swivel angle
30 Nm
Spring force
1
Air consumption at 6 bar per cycle 0°-nominal swivel angle-0°
2.31 l
Product weight
4500 g
Shaft connection
T14
Pneumatic connection
G1/8
Note on materials
RoHS-compliant
Cover material
High-alloy stainless steel
Material number of cover
1.4408
Seals material
FPM
NBR
PUR
Housing material
High-alloy stainless steel
Material number of housing
1.4408
Material of screws
High-alloy stainless steel
Shaft material
High-alloy stainless steel
Material number for shaft
1.4301
8/5/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com