Electronic Components Datasheet Search
  English  ▼

X  

BA4910FP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BA4910FP
Description  High Voltage high side switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BA4910FP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BA4910FP Datasheet HTML 1Page - List of Unclassifed Manufacturers BA4910FP Datasheet HTML 2Page - List of Unclassifed Manufacturers BA4910FP Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Recommended Operating Conditions (Ta=25˚C)
Application circuit
Electrical Characteristics
<INPUT>
Stand by current
Operating current
<OUTPUT>
Dropout voltage
Load regulation
Output current
<CTL pin>
Standby level
Active level
Parameter
Input high current
<Delay time setting CP pin>
Threshold voltage
Capacitor charging current
Power supply voltage
VIN
V
8.5
14.4
16
Parameter
Symbol
Unit
Min.
Typ.
Max.
*1
Vo1MAX=Maximum of minimum I/O differential voltage
*2 When CP=0.47
µF, delay time =200msec.(TYP)
This product is not designed with anti-radiation capability.
Output current can be used within min. of Io.
Ist
Icc
Vo1
Vo2
Io
Vthsw1
Vthsw2
μA
mA
V
mV
mA
V
V
10
7.7
1.0
900
800
1.5
v
-
5.5
0.5
450
-
-
-
-
3.3
-
-
500
-
3.8
CTL pin=0V
CTL pin=5V, Io=0mA
Io=400mA
Io=0~400mA
Vo≧VIN-
Vo1MAX
Conditions
Symbol
Unit
Min.
Typ.
Max.
Iinsw
μA
38
27
16
Vth=3.5V
V
th
Icp
V
µA
0.9
2.8
0.85
2.0
0.8
1.2
(Vth-VCP)
*1
*2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com