Electronic Components Datasheet Search
  English  ▼

X  

RO2104D Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RO2104D
Description  303.825 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RO2104D Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RO2104D Datasheet HTML 1Page - RF Monolithics, Inc RO2104D Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RO2104D-072804
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Frequency (+25 °C)
Nominal Frequency
fC
2, 3, 4, 5
303.725
303.925
MHz
Tolerance from 303.825 MHz
∆f
C
±100
kHz
Insertion Loss
IL
2, 5, 6
1.5
2.0
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
10,000
50
Ω Loaded Q
QL
1700
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
40
°C
Turnover Frequency
fO
fC
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1, 6
10
ppm/yr
DC Insulation Resistance between Any Two Terminals
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 6, 7,
9,
20
Ω
Motional Inductance
LM
105
µH
Motional Capacitance
CM
2.6
fF
Transducer Static Capacitance
CO
5, 6, 9
3.1
pF
Test Fixture Shunt Inductance
LTEST
2, 7
90
nH
Lid Symbolization
486
Standard Reel Quantity
Reel Size 7 Inch
10
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
•
Ideal for 303.825 MHz Transmitters
•
Very Low Series Resistance
•
Quartz Stability
•
Surface-Mount, Ceramic Case with 21 mm2 Footprint
•
Complies with Directive 2002/95/EC (RoHS)
The RO2104D is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic case.
It provides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters operat-
ing at 303.825 MHz. This SAW is designed specifically for AM transmitters in wireless security and remote
control applications operating in the USA under FCC Part 15, in Australia, in Japan, and in Korea.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See Typical Test Circuit)
+5
dBm
DC Voltage Between Terminals (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
Soldering Temperature (10 seconds / 5 cycles max.)
260
°C
303.825 MHz
SAW
Resonator
RO2104D
1.
Frequency aging is the change in fC with time and is specified at +65°C or less.
Aging may exceed the specification for prolonged temperatures above +65°C.
Typically, aging is greatest the first year after manufacture, decreasing in subse-
quent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The shunt
inductance, LTEST, is tuned for parallel resonance with CO at fC. Typically, fOS-
CILLATOR or fTRANSMITTER is approximately equal to the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and govern-
ment approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are subject
to change.
7.
Derived mathematically from one or more of the following directly measured
parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) fre-
quency, fO. The nominal frequency at any case temperature, TC, may be calcu-
lated from: f= fO [1- FTC (TO -TC)
2]. Typically oscillator T
O is approximately
equal to the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the reso-
nant frequency and is provided for reference only. The capacitance CO is the
static (nonmotional) capacitance between the two terminals measured at low
frequency (10 MHz) with a capacitance meter. The measurement includes para-
sitic capacitance with "NC” pads unconnected. Case parasitic capacitance is
approximately 0.05 pF. Transducer parallel capacitance can by calculated as:
CP ≈ CO - 0.05 pF.
10.
Tape and Reel Standard Per ANSI / EIA 481.
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
SM3838-6 Case
3.8 X 3.8
Pb


Similar Part No. - RO2104D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2104 RFM-RO2104 Datasheet
146Kb / 2P
303.825 MHz SAW Resonator
RO2104-1 RFM-RO2104-1 Datasheet
146Kb / 2P
303.825 MHz SAW Resonator
RO2104A RFM-RO2104A Datasheet
100Kb / 2P
303.825 MHz SAW Resonator
More results

Similar Description - RO2104D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2104 RFM-RO2104 Datasheet
146Kb / 2P
303.825 MHz SAW Resonator
RO2104-1 RFM-RO2104-1 Datasheet
146Kb / 2P
303.825 MHz SAW Resonator
RO2104A RFM-RO2104A Datasheet
100Kb / 2P
303.825 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3104 MURATA-RO3104 Datasheet
195Kb / 2P
303.825 MHz SAW Resonator
RO3104A MURATA-RO3104A Datasheet
392Kb / 2P
303.825 MHz SAW Resonator
RO3104C MURATA-RO3104C Datasheet
97Kb / 2P
303.825 MHz SAW Resonator
RO3104D MURATA-RO3104D Datasheet
100Kb / 2P
303.825 MHz SAW Resonator
RO3104E MURATA-RO3104E Datasheet
99Kb / 2P
303.825 MHz SAW Resonator
RO3112 MURATA-RO3112 Datasheet
142Kb / 2P
303.825 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0541A TAI-SAW-TC0541A Datasheet
386Kb / 6P
SAW Resonator 303.825 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com