Electronic Components Datasheet Search
  English  ▼

X  

S1JLSH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S1JLSH
Description  1.2A, 200V - 1000V Standard Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S1JLSH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S1JLSH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S1JLSH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S1JLSH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S1JLSH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd S1JLSH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S1DLSH
– S1MLSH
Taiwan Semiconductor
1
Version: A2103
1.2A, 200V - 1000V Standard Surface Mount Rectifier
FEATURES
● AEC-Q101 qualified
● Ideal for automated placement
● Compact package size
● High surge current capability
● Low power loss, high efficiency
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● DC to DC converter
● Automotive application
● Car lighting
● Snubber
● General purpose
MECHANICAL DATA
● Case: SOD-123HE
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.022g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
1.2
A
VRRM
200 - 1000
V
IFSM
50
A
TJ MAX
175
°C
Package
SOD-123HE
Configuration
Single die
SOD-123HE
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
S1D
LSH
S1G
LSH
S1J
LSH
S1K
LSH
S1M
LSH
UNIT
Marking code on the device
1DLS
1GLS
1JLS
1KLS
1MLS
Repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Reverse voltage, total rms value
VR(RMS)
140
280
420
560
700
V
Forward current
IF
1.2
A
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
IFSM
50
A
Junction temperature
TJ
- 55 to +175
°C
Storage temperature
TSTG
- 55 to +175
°C


Similar Part No. - S1JLSH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1JLS TSC-S1JLS Datasheet
225Kb / 4P
1.2A, 600V - 1000V Surface Mount Rectifiers
logo
Taiwan Memory Technolog...
S1JLS TMT-S1JLS Datasheet
193Kb / 4P
1.2A, 600V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S1JLS TSC-S1JLS Datasheet
419Kb / 6P
1.2A, 200V - 1000V Surface Mount Rectifier
logo
Taiwan Memory Technolog...
S1JLS TMT-S1JLS_16 Datasheet
193Kb / 4P
1.2A, 600V - 1000V Surface Mount Rectifiers
More results

Similar Description - S1JLSH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1DLS TSC-S1DLS Datasheet
419Kb / 6P
1.2A, 200V - 1000V Surface Mount Rectifier
S3DB-K TSC-S3DB-K Datasheet
434Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S2D-T TS-S2D-T Datasheet
426Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DALH TS-S2DALH Datasheet
431Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S1DLSH TS-S1DLSH Datasheet
442Kb / 5P
1.2A, 200V - 1000V Standard Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S2D-T TSC-S2D-T Datasheet
426Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DFS TSC-S2DFS Datasheet
435Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DA-T TSC-S2DA-T Datasheet
424Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DALH TSC-S2DALH Datasheet
431Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S1DALH TSC-S1DALH Datasheet
430Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com