Electronic Components Datasheet Search
  English  ▼

X  

RO2115A Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RO2115A
Description  417.5 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RO2115A Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RO2115A Datasheet HTML 1Page - RF Monolithics, Inc RO2115A Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RO2115A-061901
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency (+25 °C)
Absolute Frequency
fC
2, 3, 4, 5
417.425
417.575
MHz
Tolerance from 417.500 MHz
∆f
C
±75
kHz
Insertion Loss
IL
2, 5, 6
0.8
1.5
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
13,700
50
Ω Loaded Q
QL
1,200
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
40
°C
Turnover Frequency
fO
fC
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
≤10
ppm/yr
DC Insulation Resistance between Any Two Terminals
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
10
19
Ω
Motional Inductance
LM
49.4334
µH
Motional Capacitance
CM
2.93972
fF
Transducer Static Capacitance
CO
5, 6, 9
2.1
2.4
2.7
pF
Test Fixture Shunt Inductance
LTEST
2, 7
60
nH
Lid Symbolization
104
•
Ideal for 418 MHz Superhet Receivers in the U.K. and U.S.
•
Very Low Series Resistance
•
Quartz Stability
•
Surface-Mount, Ceramic Case with 21 mm2 Footprint
•
Complies with Directive 2002/95/EC (RoHS)
The RO2115A is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic case.
It provides reliable, fundamental-mode, quartz frequency stabilization of local oscillators operating at
417.5 MHz. This SAW is designed for 418 MHz superhet receivers with 500 kHz IF (Philips UAA3201T).
Applications inlude remote-control and wireless security receivers operating in the United Kingdom under
DTI MPT 1340 and in the USA under FCC Part 15.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation
(See Typical Test Circuit)
+0
dBm
DC Voltage Between Terminals
(Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
Soldering Temperature (10 seconds / 5 cycles max.)
260
°C
417.5 MHz
SAW
Resonator
RO2115A
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or
less. Aging may exceed the specification for prolonged temperatures above
+65°C. Typically, aging is greatest the first year after manufacture, decreas-
ing in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The shunt
inductance, LTEST, is tuned for parallel resonance with CO at fC. Typically,
fOSCILLATOR or fTRANSMITTER is approximately equal to the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and gov-
ernment approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are sub-
ject to change without notice.
7.
Derived mathematically from one or more of the following directly measured
parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) fre-
quency, fO. The nominal frequency at any case temperature, TC, may be cal-
culated from: f= fO [1- FTC (TO -TC)
2]. Typically, oscillator T
O is
approximately equal to the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the
resonant frequency and is provided for reference only. The capacitance CO is
the static (nonmotional) capacitance between the two terminals measured at
low frequency (10 MHz) with a capacitance meter. The measurement
includes parasitic capacitance with “NC” pads unconnected. Case parasitic
capacitance is approximately 0.05 pF. Transducer parallel capacitance can
be calculated as: CP ≈ CO - 0.05 pF.
10.
Packaged in 500PC Tape carrier.
SM-2 Case


Similar Part No. - RO2115A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2115 RFM-RO2115 Datasheet
146Kb / 2P
417.5 MHz SAW Resonator
More results

Similar Description - RO2115A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2115 RFM-RO2115 Datasheet
146Kb / 2P
417.5 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
315.0 MHz SAW Resonator
RO3073E MURATA-RO3073E Datasheet
100Kb / 2P
315.00 MHz SAW Resonator
RO3073E-1 MURATA-RO3073E-1 Datasheet
396Kb / 2P
315.00 MHz SAW Resonator
RO3073E-11 MURATA-RO3073E-11 Datasheet
394Kb / 2P
315.00 MHz SAW Resonator
RO3075A MURATA-RO3075A Datasheet
392Kb / 2P
345.00 MHz SAW Resonator
RO3115 MURATA-RO3115 Datasheet
181Kb / 2P
417.5 MHz SAW Resonator
RO3115A MURATA-RO3115A Datasheet
392Kb / 2P
417.5 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com