Electronic Components Datasheet Search
  English  ▼

X  

S1MFSH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S1MFSH
Description  1A, 200V - 1000V Standard Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S1MFSH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S1MFSH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S1MFSH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S1MFSH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S1MFSH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd S1MFSH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S1DFSH
– S1MFSH
Taiwan Semiconductor
1
Version: A2103
1A, 200V - 1000V Standard Surface Mount Rectifier
FEATURES
● AEC-Q101 qualified
● Glass passivated chip junction
● Ideal for automated placeme
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Freewheeling
● Snubber
● DC/DC converters
● Automotive application
MECHANICAL DATA
● Case: SOD-128
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.027g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
1
A
VRRM
200 - 1000
V
IFSM
30
A
TJ MAX
150
°C
Package
SOD-128
Configuration
Single die
SOD-128
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL S1DFSH S1GFSH S1JFSH S1KFSH S1MFSH UNIT
Marking code on the device
S1DFS
S1GFS
S1JFS
S1KFS
S1MFS
Repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Reverse voltage, total rms value
VR(RMS)
140
280
420
560
700
V
Forward current
IF
2
A
Surge peak forward current, 8.3 ms
single half sine-wave superimposed
on rated load
IFSM
30
A
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C


Similar Part No. - S1MFSH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1MFS TSC-S1MFS Datasheet
314Kb / 5P
1A, 200V - 1000V Surface Mount Rectifier
More results

Similar Description - S1MFSH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RS1DFS TSC-RS1DFS Datasheet
317Kb / 5P
1A, 200V - 1000V Surface Mount Fast Recovery Rectifier
S1DFS TSC-S1DFS Datasheet
314Kb / 5P
1A, 200V - 1000V Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S1DLWH TS-S1DLWH Datasheet
427Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
S1DF-T TS-S1DF-T Datasheet
428Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S2DFS TSC-S2DFS Datasheet
435Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DALH TSC-S2DALH Datasheet
431Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S1DLWH TSC-S1DLWH Datasheet
427Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
S1DF-T TSC-S1DF-T Datasheet
428Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
S1DALH TSC-S1DALH Datasheet
430Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
S1DAL TSC-S1DAL Datasheet
436Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com