Electronic Components Datasheet Search
  English  ▼

X  

S1AH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S1AH
Description  1A, 50V - 1000V Surface Mount Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S1AH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S1AH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S1AH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S1AH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S1AH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd S1AH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd S1AH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S1AH
– S1MH
Taiwan Semiconductor
1
Version: A2102
1A, 50V - 1000V Surface Mount Rectifier
FEATURES
● AEC-Q101 qualified
● Glass passivated chip junction
● Ideal for automated placement
● Low forward voltage drop
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● DC to DC converter
● Automotive application
● Car lighting
● Snubber
● General purpose
MECHANICAL DATA
● Case: DO-214AC (SMA)
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.060g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
1
A
VRRM
50 - 1000
V
IFSM
30, 40
A
TJ MAX
175
°C
Package
DO-214AC (SMA)
Configuration
Single die
DO-214AC (SMA)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
S1
AH
S1
BH
S1
DH
S1
GH
S1
JH
S1
KH
S1
MH
UNIT
Marking code on the device
S1A
S1B
S1D
S1G
S1J
S1K
S1M
Repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Reverse voltage, total rms value
VR(RMS)
35
70
140
280
420
560
700
V
Forward current
IF
1
A
Peak forward surge current, 8.3ms
single half sine wave superimposed
on rated load
IFSM
40
30
A
Non-repetitive peak reverse avalanche
energy, IAS = 1A, L = 10mH
ERSM
5
mJ
Junction temperature
TJ
- 55 to +175
°C
Storage temperature
TSTG
- 55 to +175
°C


Similar Part No. - S1AH

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1A PANJIT-S1A Datasheet
74Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
S1A PHILIPS-S1A Datasheet
59Kb / 12P
SMA controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
S1A SURGE-S1A Datasheet
86Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere???
logo
Transys Electronics
S1A TRSYS-S1A Datasheet
145Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Won-Top Electronics
S1A WTE-S1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - S1AH

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
S1A TMT-S1A_16 Datasheet
364Kb / 4P
1A, 50V - 1000V Surface Mount Rectifiers
S1AB TMT-S1AB_16 Datasheet
189Kb / 4P
1A, 50V - 1000V Surface Mount Rectifiers
S1AL TMT-S1AL_16 Datasheet
185Kb / 4P
1A, 50V - 1000V Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
RS1AFL TSC-RS1AFL Datasheet
318Kb / 6P
1A, 50V - 1000V Surface Mount Fast Recovery Rectifier
HS1AFL TSC-HS1AFL Datasheet
333Kb / 7P
1A, 50V - 1000V High Efficient Surface Mount Rectifier
US1AH TSC-US1AH Datasheet
573Kb / 6P
1A, 50V - 1000V High Efficient Surface Mount Rectifier
S3ABH TSC-S3ABH Datasheet
553Kb / 6P
3A, 50V - 1000V Surface Mount Rectifier
S1ALH TSC-S1ALH Datasheet
425Kb / 5P
1A, 50V - 1000V Standard Surface Mount Rectifier
S1ABH TSC-S1ABH Datasheet
411Kb / 6P
1A, 50V - 1000V Surface Mount Rectifier
1N4001G-K TSC-1N4001G-K Datasheet
391Kb / 5P
1A, 50V - 1000V Standard Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com