Electronic Components Datasheet Search
  English  ▼

X  

RO2144D Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RO2144D
Description  916.5 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RO2144D Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RO2144D Datasheet HTML 1Page - RF Monolithics, Inc RO2144D Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RO2144D_RO2144D-1_RO2144D-2_083104
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Frequency (+25 °C) Nominal Frequency
RO2144D
fC
2, 3, 4, 5
916.405
916.595
MHz
RO2144D-1
916.300
916.700
RO2144D-2
916.350
916.650
Tolerance from 916.5 MHz
RO2144D
∆f
C
±95
kHz
RO2144D-1
±200
RO2144D-2
±150
Insertion Loss
IL
2, 5, 6
1.20
2.5
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
23,509
50
Ω Loaded Q
QL
4,000
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
40
°C
Turnover Frequency
fO
fc
MHz
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
10
ppm
DC Insulation Resistance between Any Two Terminals
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 6, 7, 9
14.95
Ω
Motional Inductance
LM
21.94
µH
Motional Capacitance
CM
1.37
fF
Transducer Static Capacitance
CP
5, 6, 9
1.95
pF
Test Fixture Shunt Inductance
LTEST
2, 7
15.05
nH
Lid Symbolization
RO2144D 432//YWWS, RO2144D-1 493//YWWS, RO2144D-2 537//YWWS
Standard Reel Quantity
Reel Size 7 Inch
10
500 Pieces / Reel
Reel Size 13 Inch
3000 Pieces / Reel
•
Ideal for 916.5 MHz FCC Part 15 Transmitters
•
Very Low Series Resistance
•
Quartz Stability
•
Complies with Directive 2002/95/EC (RoHS)
The RO2144D is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount ceramic case.
It provides reliable, fundamental-mode stabilization of fixed-frequency transmitters operating at 916.5 MHz.
This SAW is designed specifically for remote-control and data-link transmitters operating in the USA under
FCC Part 15 regulations.
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
10
dBm
DC Voltage
12
VDC
Storage Temperature
-40 to +85
°C
Soldering Temperature (10 seconds / 5 cycles max.)
260
°C
916.5 MHz
SAW
Resonator
RO2144D
RO2144D-1
RO2144D-2
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or less. Aging may
exceed the specification for prolonged temperatures above +65°C. Typically, aging is great-
est the first year after manufacture, decreasing in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point, ILMIN, with the res-
onator in the 50
Ω test system (VSWR ≤ 1.2:1). The shunt inductance, L
TEST, is tuned for par-
allel resonance with CO at fC. Typically, fOSCILLATOR or fTRANSMITTER is approximately equal
to the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and 4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and government
approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are subject to change
without notice.
7.
Derived mathematically from one or more of the following directly measured parameters: fC,
IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fO. The
nominal frequency at any case temperature, TC, may be calculated from: f= fO [1- FTC (TO -
TC)
2]. Typically oscillator T
O is approximately equal to the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the resonant fre-
quency and is provided for reference only. The capacitance CO is the static (nonmotional)
capacitance between the two terminals measured at low frequency (10 MHz) with a capaci-
tance meter. The measurement includes parasitic capacitance with "NC” pads unconnected.
Case parasitic capacitance is approximately 0.05 pF. Transducer parallel capacitance can by
calculated as: CP ≈ CO - 0.05 pF.
10.
Tape and Reel Standard Per ANSI/EIA 481.
SM3838-6 Case
3.8 X 3.8
Pb


Similar Part No. - RO2144D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2144A RFM-RO2144A Datasheet
100Kb / 2P
916.5 MHz SAW Resonator
RO2144A-1 RFM-RO2144A-1 Datasheet
100Kb / 2P
916.5 MHz SAW Resonator
RO2144A-2 RFM-RO2144A-2 Datasheet
100Kb / 2P
916.5 MHz SAW Resonator
RO2144E RFM-RO2144E Datasheet
96Kb / 2P
916.5 MHz SAW Resonator
More results

Similar Description - RO2144D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1181D RFM-RF1181D Datasheet
110Kb / 3P
916.5 MHz SAW Filter
RF1181B RFM-RF1181B Datasheet
295Kb / 2P
916.5 MHz SAW Filter
RO2144A RFM-RO2144A Datasheet
100Kb / 2P
916.5 MHz SAW Resonator
RO2144E RFM-RO2144E Datasheet
96Kb / 2P
916.5 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0154A TAI-SAW-TC0154A Datasheet
338Kb / 4P
SAW Resonator 916.5 MHz SMD 5X5 mm
TC0391A TAI-SAW-TC0391A Datasheet
271Kb / 5P
SAW Resonator 916.5 MHz SMD 3X3 mm
logo
RF Monolithics, Inc
RF3181D RFM-RF3181D Datasheet
63Kb / 2P
916.5 MHz SAW Filter
RF3181E RFM-RF3181E Datasheet
201Kb / 2P
916.5 MHz SAW Filter
logo
Murata Manufacturing Co...
RO3144A MURATA-RO3144A Datasheet
462Kb / 2P
916.5 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0391B TAI-SAW-TC0391B Datasheet
272Kb / 5P
SAW Resonator 916.5 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com