Electronic Components Datasheet Search
  English  ▼

X  

R3-RS4S/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-RS4S/Q
Description  Remote I/O R3 Series RTD INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-RS4S/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-RS4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-RS4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-RS4S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-RS4S/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: R3-RS4
R3-RS4 SPECIFICATIONS
ES-8364 Rev.13 Page 3/4
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
1
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
27.5 [1.08]
109 [4.29]
POSITIONING
GUIDE
TERMINAL
COVER
20–M3
SCREW
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
A
B
B
RTD
INPUT 1
1
2
A
B
B
A
B
B
A
B
B
RTD
11
12
Input Circuit
INPUT 2
3
4
RTD
13
14
Input Circuit
INPUT 3
6
7
RTD
16
17
Input Circuit
INPUT 4
8
9
18
19
Input Circuit
Communication
Circuit
INTERNAL POWER
*For dual redundant communication.
Control
Circuit
DIP SW
RUN LED ERR LED
15
5
20
10
• Unused Input Channels
Close across the unused input terminals with a resistor as shown
below and set the DIP switch for Pt 100 input.
Unused channels left open are equal to the burnout, which turns
the red ERR LED on and sets a burnout flag at the PLC or the
host device.
Unused channels can be specified and set so on the PC
Configurator Software (model: R3CON) without needing to connect
resistors at the field terminals.
1
2
INPUT 1
3
4
INPUT 2
6
7
INPUT 3
9
INPUT 4
100Ω
11
13
16
18
8
INTERNAL BUS A
INTERNAL BUS B*



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com