Electronic Components Datasheet Search
  English  ▼

X  

R3-PC16AW Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-PC16AW
Description  Remote I/O R3 Series PULSE OUTPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PC16AW Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-PC16AW Datasheet HTML 1Page - M-System Co.,Ltd. R3-PC16AW Datasheet HTML 2Page - M-System Co.,Ltd. R3-PC16AW Datasheet HTML 3Page - M-System Co.,Ltd. R3-PC16AW Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: R3-PC16A
R3-PC16A SPECIFICATIONS
ES-8408 Rev.10 Page 1/4
https://www.m-system.co.jp/
Remote I/O R3 Series
PULSE OUTPUT MODULE
(open collector output, 16 points)
109
[4.29]
27.5 [1.08]
130
[5.12]
mm [inch]
MODEL: R3-PC16A[1][2]
ORDERING INFORMATION
• Code number: R3-PC16A[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-PC16AW/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
16: 16
OUTPUT
A: Open collector
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Output: M3 separable screw terminal (torque 0.5 N·m)
Internal power: Via the Installation Base (model: R3-BSx)
Screw terminal: Nickel-plated steel
Isolation: Output to internal bus or internal power
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Bi-color (red/green) LED;
Red with external power supply abnormality;
Green in normal operating conditions.
Output status indicator: Red LED; turns on with the output
ON.
Pulse width adjustment: Side DIP SW
OUTPUT SPECIFICATIONS
Output: Open collector, 16 points
Max. frequency: 100 Hz (selectable with DIP SW)
Max. ouptut pulse number per setting: 2000
(No output when a number greater than 2000 is set.)
Totalized pulse range: 1 – 10000 (‘0’ at reset only)
Max. pulse range selectable from 1 to 65535 using the
R3CON PC Configurator Software. Refer to the R3CON Users
Manual for detailed information.
Count at overflow: Reset and restart at ‘1.’
Rated load voltage: 24 V DC ±10 %
Maximum load current: 0.1 A per point
Maximum rush current: 0.5 A for max. 10 msec.
Maximum leak current at OFF: 0.1 mA
Maximum voltage drop at ON: 0.1 V DC typical; 1.2 V DC
max.
Common: All 16 points (2 terminals)
Common current: Max. 1.6 A per common
External power supply: 24 V DC ±10 % approx. 0.02 A
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Data allocation: 16
Current consumption: Approx. 100 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(output to internal bus or internal power)


Similar Part No. - R3-PC16AW

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-PA16 MSYSTEM-R3-PA16 Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PA16S MSYSTEM-R3-PA16S Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PA16S/A MSYSTEM-R3-PA16S/A Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PA16S/CE MSYSTEM-R3-PA16S/CE Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PA16S/PRS MSYSTEM-R3-PA16S/PRS Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
More results

Similar Description - R3-PC16AW

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DC8 MSYSTEM-R3-DC8 Datasheet
134Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16C MSYSTEM-R3-DC16C Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-SPA8 MSYSTEM-R3-SPA8 Datasheet
151Kb / 5P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PD16C MSYSTEM-R3-PD16C Datasheet
198Kb / 7P
Remote I/O R3 Series ONE-SHOT PULSE OUTPUT MODULE
R3-PD16B MSYSTEM-R3-PD16B Datasheet
199Kb / 8P
Remote I/O R3 Series ONE-SHOT PULSE OUTPUT MODULE
R3-PD16A MSYSTEM-R3-PD16A Datasheet
196Kb / 7P
Remote I/O R3 Series ONE-SHOT PULSE OUTPUT MODULE
R3-PD16 MSYSTEM-R3-PD16 Datasheet
198Kb / 7P
Remote I/O R3 Series ONE-SHOT PULSE OUTPUT MODULE
R3-PA8 MSYSTEM-R3-PA8 Datasheet
143Kb / 5P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PA16 MSYSTEM-R3-PA16 Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3Y-PA16 MSYSTEM-R3Y-PA16 Datasheet
146Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com