Electronic Components Datasheet Search
  English  ▼

X  

MT9513LS Datasheet(PDF) 1 Page - Maxic Technology Corporation

Part # MT9513LS
Description  Non-isolated APFC BUCK LED Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT9513LS Datasheet(HTML) 1 Page - Maxic Technology Corporation

  MT9513LS Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT9513LS
Maximizing IC Performance
Non-isolated APFC BUCK LED Driver
Email: sales@maxictech.com
www.maxictech.com
Rev. 1.05
Tel: 86-10-62662828
Copyright © 2020 Maxic Technology Corporation
Page 1
DESCRIPTION
The MT9513LS is a high-PF, non-isolate, BUCK
LED
Driver
IC.
MT9513LS
works
in
Quasi-Resonant Mode (QRM), which improves
both of efficiency and EMI performance.
The system integrates the ultra-high voltage
power supply circuit. The external VDD capacitor
is not needed. The system realizes error
integration through internal digital integrator,
which eliminates COMP pin and COMP capacitor.
MT9513LS can meet low THD and odd harmonic
requirements
through
internal
THD
compensation circuit.
Various protections with self-recovery, such as
input
over
voltage
protection
(OVP),
cycle-by-cycle over current protection (OCP),
over temperature protection, output short-circuit
protection, output open-circuit protection, etc. are
embedded
to
improve
reliability.
The
chip
programs the output over voltage protection
threshold through an external circuit connection
to the ROVP pin (e.g. open circuit, GND or a
resistor with different resistance values).
The MT9513LS integrates feedback circuit and
high voltage MOSFET, which further simplifies
external circuit and saves the BOM cost.
APPLICATIONS
LED bulb, Spotlight
LED tube
Other LED lighting applications
FEATURES
Single-stage active power factor correction
(PF > 0.90)
Integrated ultra-high voltage power supply
without external VDD capacitor and external
power supply circuit
Embedded digital integrator, no COMP
capacitor needed
Integrated THD compensation circuit
Integrated odd harmonic compensation
circuit for high subharmonic distortion
suppression
Internal line voltage compensation
Internal demagnetization sensing, no
external feedback circuit needed
High accurate LED current
Good Line and Load Regulation
Quasi-Resonant mode (QRM) operation
Integrated Input OVP, when input voltage is
higher than 375Vac, turns off the power
switch, resumes at input voltage below
320Vac. Enhances anti-surge capability and
improves system reliability
Set different output OVP thresholds through
ROVP pin
Various protections and self-recovery
Power on soft-start
Available in SOP7 packages
Typical Application Circuit
MT9513LS
HV
ROVP
DRAIN
CS
GND
C1
L
N
BRG
C2
L1
DRAIN
D1
R1
Rcs
NC


Similar Part No. - MT9513LS

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT9513DF MAXIC-MT9513DF Datasheet
82Kb / 1P
Non-isolated APFC BUCK LED Driver
MT9513SF MAXIC-MT9513SF Datasheet
82Kb / 1P
Non-isolated APFC BUCK LED Driver
More results

Similar Description - MT9513LS

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7830A MAXIC-MT7830A Datasheet
158Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7840 MAXIC-MT7840 Datasheet
257Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7844B MAXIC-MT7844B Datasheet
155Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7845 MAXIC-MT7845 Datasheet
155Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7855BLD MAXIC-MT7855BLD Datasheet
269Kb / 1P
Non-isolated APFC BUCK LED Driver
logo
Bright Power Semiconduc...
BP2333 BPS-BP2333 Datasheet
208Kb / 2P
Non-isolated Buck APFC LED Driver
BP2356C BPS-BP2356C Datasheet
145Kb / 2P
Non-isolated Buck APFC LED Driver
BP2356F BPS-BP2356F Datasheet
144Kb / 2P
Non-isolated Buck APFC LED Driver
logo
Maxic Technology Corpor...
MT9513DF MAXIC-MT9513DF Datasheet
82Kb / 1P
Non-isolated APFC BUCK LED Driver
MT9514SF MAXIC-MT9514SF Datasheet
82Kb / 1P
Non-isolated APFC BUCK LED Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com