Electronic Components Datasheet Search
  English  ▼

X  

RO2188A Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RO2188A
Description  390.0 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RO2188A Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RO2188A Datasheet HTML 1Page - RF Monolithics, Inc RO2188A Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-9148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RO2188A-062001
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency at +25 °C
Absolute Frequency
fC
2, 3, 4, 5
389.900
390.100
MHz
Tolerance from 304.0 MHz
∆f
C
±100
kHz
Insertion Loss
IL
2, 5, 6
0.9
2.0
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
12,000
50
Ω Loaded Q
QL
1,200
Temperature Stability
Turnover Temperature
TO
6, 7, 8
27
42
57
°C
Turnover Frequency
fO
fC-5
kHz
Frequency Temperature Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
≤10
ppm/yr
DC Insulation Resistance between Any Two Terminals
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
11
26
Ω
Motional Inductance
LM
54.963
µH
Motional Capacitance
CM
3.0299
fF
Pin 1 to Pin 2 Static Capacitance
CO
5, 6, 9
3.6
3.9
4.2
pF
Transducer Static Capacitance
CP
5, 6, 7, 9
3.65
pF
Test Fixture Shunt Inductance
LTEST
2, 7
43
nH
Lid Symbolization
E319
SM-2 Case
•
Ideal for 390.0 MHz Transmitters
•
Very Low Series Resistance
•
Quartz Stability
•
Rugged, Hermetic, Surface Mount SM-2 Package
•
Complies with Directive 2002/95/EC (RoHS)
The RO2188 is a true one-port, surface-acoustic-wave (SAW) resonator in SM-2 case. It provides reliable,
fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters operating at 390.0 MHz.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation
+5
dBm
DC Voltage Between Any Two Pins (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
Soldering Temperature (10 seconds / 5 cycles max.)
260
°C
390.0 MHz
SAW
Resonator
RO2188A
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Lifetime (10 year) frequency aging.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The shunt
inductance, LTEST, is tuned for parallel resonance with CO at fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and gov-
ernment approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are sub-
ject to change without notice.
7.
Derived mathematically from one or more of the following directly measured
parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) fre-
quency, fO. The nominal frequency at any case temperature, TC, may be cal-
culated from: f= fO [1- FTC (TO -TC)
2].
9.
This equivalent RLC model approximates resonator performance near the
resonant frequency and is provided for reference only. The capacitance CO is
the static (nonmotional) capacitance between the two terminals measured at
low frequency (10 MHz) with a capacitance meter. The measurement
includes parasitic capacitance with a floating case. Case parasitic capaci-
tance is approximately 0.25pF. Transducer parallel capacitance can be cal-
culated as: CP ≈ CO - 0.25pF.


Similar Part No. - RO2188A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2188 RFM-RO2188 Datasheet
144Kb / 2P
390.0 MHz SAW Resonator
More results

Similar Description - RO2188A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1355 RFM-RF1355 Datasheet
145Kb / 2P
390.0 MHz SAW Fil
RO2188 RFM-RO2188 Datasheet
144Kb / 2P
390.0 MHz SAW Resonator
logo
Abracon Corporation
AFS390E ABRACON-AFS390E Datasheet
113Kb / 1P
SMD 390.0 MHz SAW FILTER
logo
RF Monolithics, Inc
RF3355C RFM-RF3355C Datasheet
88Kb / 3P
390.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
315.0 MHz SAW Resonator
RO3188A MURATA-RO3188A Datasheet
393Kb / 2P
390.0 MHz SAW Resonator
RF3355C MURATA-RF3355C Datasheet
88Kb / 3P
390.0 MHz SAW Filter
RO3188A MURATA-RO3188A_15 Datasheet
171Kb / 3P
390.0 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com