Electronic Components Datasheet Search
  English  ▼

X  

RSLZRA4 Datasheet(PDF) 2 Page - Schneider Electric

Part # RSLZRA4
Description  Harmony, Socket equipped with LED and protection circuit, for RSL1 relays, spring terminals, 230 V AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RSLZRA4 Datasheet(HTML) 2 Page - Schneider Electric

  RSLZRA4 Datasheet HTML 1Page - Schneider Electric RSLZRA4 Datasheet HTML 2Page - Schneider Electric RSLZRA4 Datasheet HTML 3Page - Schneider Electric RSLZRA4 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Environment
Connections - terminals
Spring terminals, 1 x 0.2...1 x 1.5 mm² AWG 24...AWG 16) flexible with cable end
Spring terminals, 1 x 0.2...1 x 1.5 mm² AWG 24...AWG 16) solid without cable end
Standards
IEC 61984
UL 508
Product certifications
GOST
CSA
Ambient air temperature for storage
-40…185 °F (-40…85 °C)
Ambient air temperature for operation
-40…131 °F (-40…55 °C)
IP degree of protection
IP20 conforming to EN/IEC 60529
Dielectric strength
2500 V
Ordering and shipping details
Category
21127 - ZELIO ICE CUBE RELAYS
Discount Schedule
CP2
GTIN
03606480078101
Nbr. of units in pkg.
1
Package weight(Lbs)
0.99 oz (28 g)
Returnability
No
Country of origin
CN
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
0.28 in (0.7 cm)
Package 1 width
3.15 in (8 cm)
Package 1 Length
4.02 in (10.2 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Nickel compounds, which is known
to the State of California to cause cancer, and Di-isodecyl phthalate (DIDP), which is known to the
State of California to cause birth defects or other reproductive harm. For more information go to
www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Contractual warranty
Warranty
18 months
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com