Electronic Components Datasheet Search
  English  ▼

X  

UT6JC5 Datasheet(PDF) 2 Page - Rohm

Part # UT6JC5
Description  -60V PchPch Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UT6JC5 Datasheet(HTML) 2 Page - Rohm

  UT6JC5 Datasheet HTML 1Page - Rohm UT6JC5 Datasheet HTML 2Page - Rohm UT6JC5 Datasheet HTML 3Page - Rohm UT6JC5 Datasheet HTML 4Page - Rohm UT6JC5 Datasheet HTML 5Page - Rohm UT6JC5 Datasheet HTML 6Page - Rohm UT6JC5 Datasheet HTML 7Page - Rohm UT6JC5 Datasheet HTML 8Page - Rohm UT6JC5 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
UT6JC5
Datasheet
l
lThermal resistance
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal resistance, junction - ambient
RthJA*3
-
-
62.5
℃/W
l
lElectrical characteristics (Ta = 25°C) <Tr1 and Tr2>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Drain - Source breakdown
voltage
V(BR)DSS VGS = 0V, ID = -1mA
-60
-
-
V
Breakdown voltage
temperature coefficient
ΔV(BR)DSS ID = -1mA
-
-22
-
mV/℃
ΔTj
referenced to 25℃
Zero gate voltage
drain current
IDSS
VDS = -60V, VGS = 0V
-
-
-1
μA
Gate - Source
leakage current
IGSS
VDS = 0V, VGS = ±20V
-
-
±100
nA
Gate threshold
voltage
VGS(th)
VDS = VGS, ID = -1mA
-1.0
-
-2.5
V
Gate threshold voltage
temperature coefficient
ΔV
GS(th)
ID = -1mA
-
3.7
-
mV/℃
ΔTj
referenced to 25℃
Static drain - source
on - state resistance
RDS(on)*4
VGS = -10V, ID = -2.5A
-
220
280
mΩ
VGS = -4.5V, ID = -2.5A
-
250
320
Gate resistance
RG
f=1MHz, open drain
-
14
-
Ω
Forward Transfer
Admittance
|Yfs|*4
VDS = -5V, ID = -2.5A
2.2
-
-
S
*1 Pw ≤ 10μs, Duty cycle ≤ 1%
*2 L ⋍ 0.1mH, VDD = -30V, RG = 25Ω, Starting Tj = 25℃ Fig.3-1,3-2
*3 Mounted on a Cu board (40×40×0.8mm)
*4 Pulsed
www.rohm.com
© 2020 ROHM Co., Ltd. All rights reserved.
2/11
20201028 - Rev.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com