Electronic Components Datasheet Search
  English  ▼

X  

IMXRT1170CEC Datasheet(PDF) 30 Page - NXP Semiconductors

Part # IMXRT1170CEC
Description  i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT1170CEC Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button IMXRT1170CEC Datasheet HTML 26Page - NXP Semiconductors IMXRT1170CEC Datasheet HTML 27Page - NXP Semiconductors IMXRT1170CEC Datasheet HTML 28Page - NXP Semiconductors IMXRT1170CEC Datasheet HTML 29Page - NXP Semiconductors IMXRT1170CEC Datasheet HTML 30Page - NXP Semiconductors IMXRT1170CEC Datasheet HTML 31Page - NXP Semiconductors IMXRT1170CEC Datasheet HTML 32Page - NXP Semiconductors IMXRT1170CEC Datasheet HTML 33Page - NXP Semiconductors IMXRT1170CEC Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 128 page
background image
i.MX RT1170 Crossover Processors Data Sheet for Consumer Products, Rev. 1, 05/2021
30
NXP Semiconductors
Electrical characteristics
4.1.5
Typical power mode supply currents
Table 13 and Table 14 show the current and power consumption (not including I/O) of i.MX RT1170
processors in selected power modes.
Table 13. Typical power modes current and power consumption (Dual core)
Modes
Test conditions
Power supplies at 3.3 V (Typical)1
Units
25 oC Tj
95 oC Tj
Set Point #1
Active
• CM7 runs at 1 GHz, overdrive voltage to 1.1 V with
FBB mode; CM4 runs at 400 MHz, overdrive
voltage to 1.1 V
• CM7 domain bus frequency at 240 MHz; CM4
domain bus frequency at 160 MHz
• LDO_LPSR_ANA and LDO_LPSR_DIG are
bypassed
• 16 MHz, 400 MHz, external 24 MHz crystal, and
external 32 kHz crystal are enabled
• All PLLs are enabled
• All peripherals are enabled and run at their
maximum clock root frequency under overdrive
mode
DCDC_IN
132.4
186.2
mA
VDD_LPSR_IN
28.1
31.5
A
VDD_SNVS_IN
3.8
9
A
Total
437.025
614.594
mW
Set Point #0
Active
• CM7 runs at 700 MHz, drive voltage to 1.0 V; CM4
runs at 240 MHz, drive voltage to 1.0 V
• CM7 domain bus frequency at 200 MHz; CM4
domain bus frequency at 120 MHz
• LDO_LPSR_ANA and LDO_LPSR_DIG are
bypassed
• 16 MHz, 400 MHz, external 24 MHz crystal, and
external 32 kHz crystal are enabled
• All PLLs are enabled
• All peripherals are enabled and run at their
maximum clock root frequency under normal drive
mode
DCDC_IN
79.3
95.1
mA
VDD_LPSR_IN
28.5
31
A
VDD_SNVS_IN
3.7
8.2
A
Total
261.796
313.959
mW
Set Point #5
Active
• CM7 runs at 240 MHz, lower voltage to 0.9 V;
CM4 runs at 120 MHz, lower voltage to 0.9 V
• CM7 domain bus frequency at 100 MHz; CM4
domain bus frequency at 60 MHz
• LDO_LPSR_ANA and LDO_LPSR_DIG are
bypassed
• 16 MHz, 400 MHz, external 24 MHz crystal, and
external 32 kHz crystal are enabled
• All PLLs are enabled
• All peripherals are enabled and run at their
maximum clock root frequency under underdrive
mode
DCDC_IN
42.2
60.9
mA
VDD_LPSR_IN
28.1
30.9
A
VDD_SNVS_IN
3.7
8
A
Total
139.365
201.098
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com