Electronic Components Datasheet Search
  English  ▼

X  

R3-WT412S/Q Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # R3-WT412S/Q
Description  Remote I/O R3 Series AC POWER INPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-WT412S/Q Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  R3-WT412S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-WT412S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-WT412S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-WT412S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-WT412S/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-WT412S/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-WT412S/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MODEL: R3-WT4
R3-WT4 SPECIFICATIONS
ES-8391 Rev.7 Page 7/7
http://www.m-system.co.jp/
Input Circuit
Control
Circuit
Communication
Circuit
INTERNAL POWER
*For dual redundant communication.
RUN LED ERR LED DIP SW
VOLTAGE
INPUT
CURRENT
INPUT
CIRCUIT 1
A1
A3
A4
A2
A5
A7
A8
A6
LOAD
LOAD
1
N
2
SOURCE
1
N
2
SOURCE
P0
V
P1
U
v
u
FUSE
VT
V
v
P2
U
u
k
l
CT
L
K
1L
1S
2L
2S
k
l
L
K
Input Circuit
CURRENT
INPUT
CIRCUIT 2
A9
B1
B2
A
10
LOAD
1
N
2
SOURCE
k
l
CT
L
K
1L
1S
2L
2S
k
l
L
K
Input Circuit
CURRENT
INPUT
CIRCUIT 3
B3
B5
B6
B4
LOAD
1
N
2
SOURCE
k
l
CT
L
K
1L
1S
2L
2S
k
l
L
K
Input Circuit
CURRENT
INPUT
CIRCUIT 4
B7
B9
B
10
B8
LOAD
1
N
2
SOURCE
k
l
CT
L
K
1L
1S
2L
2S
k
l
L
K
Input Circuit
■ SINGLE-PHASE/3-WIRE
INTERNAL BUS A
INTERNAL BUS B*
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com