Electronic Components Datasheet Search
  English  ▼

X  

R3-WT41AS/Q Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R3-WT41AS/Q
Description  Remote I/O R3 Series AC POWER INPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-WT41AS/Q Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R3-WT41AS/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-WT41AS/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-WT41AS/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-WT41AS/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-WT41AS/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-WT41AS/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-WT41AS/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: R3-WT4
R3-WT4 SPECIFICATIONS
ES-8391 Rev.7 Page 6/7
http://www.m-system.co.jp/
Control
Circuit
Communication
Circuit
INTERNAL POWER
*For dual redundant communication.
RUN LED ERR LED DIP SW
VOLTAGE
INPUT
CURRENT
INPUT
CIRCUIT 1
A1
A3
A4
A2
A5
A7
A8
A6
LOAD
LOAD
1
2
SOURCE
1
2
SOURCE
P2
P1
1L
1S
k
l
L
K
A9
B1
B2
A
10
B3
B5
B6
B4
B7
B9
B
10
B8
■ SINGLE-PHASE/2-WIRE
Input Circuit
Input Circuit
V
U
v
u
VT
FUSE
CT
CURRENT
INPUT
CIRCUIT 2
LOAD
1
2
SOURCE
1L
1S
k
l
L
K
Input Circuit
CT
CURRENT
INPUT
CIRCUIT 3
LOAD
1
2
SOURCE
1L
1S
k
l
L
K
Input Circuit
CT
CURRENT
INPUT
CIRCUIT 4
LOAD
1
2
SOURCE
1L
1S
k
l
L
K
Input Circuit
CT
INTERNAL BUS A
INTERNAL BUS B*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com