Electronic Components Datasheet Search
  English  ▼

X  

5452476 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452476
Description  Printed-circuit board connector - BCH-500VF- 5 BK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452476 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452476 Datasheet HTML 1Page - PHOENIX CONTACT 5452476 Datasheet HTML 2Page - PHOENIX CONTACT 5452476 Datasheet HTML 3Page - PHOENIX CONTACT 5452476 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/5452476
05/04/2016   Page 1 / 4
Printed-circuit board connector - BCH-500VF- 5 BK - 5452476
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 5, Pitch: 5 mm, Color: black,
Contact surface: Tin, Mounting: Wave soldering
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
China
Technical data
Dimensions
Length
8.6 mm
Pitch
5.00 mm
Dimension a
20 mm
Length of the solder pin
3.9 mm
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm
General
Range of articles
BCH-VF
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V


Similar Part No. - 5452476

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452470 PHOENIX-5452470 Datasheet
96Kb / 3P
Printed-circuit board connector - BCH-381VF-18 BK
5452471 PHOENIX-5452471 Datasheet
96Kb / 3P
Printed-circuit board connector - BCH-381VF-19 BK
5452472 PHOENIX-5452472 Datasheet
98Kb / 4P
Printed-circuit board connector - BCH-381VF-20 BK
5452473 PHOENIX-5452473 Datasheet
88Kb / 3P
Printed-circuit board connector - BCH-500VF- 2 BK
5452474 PHOENIX-5452474 Datasheet
88Kb / 3P
Printed-circuit board connector - BCH-500VF- 3 BK
More results

Similar Description - 5452476

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452473 PHOENIX-5452473 Datasheet
88Kb / 3P
Printed-circuit board connector - BCH-500VF- 2 BK
5452477 PHOENIX-5452477 Datasheet
81Kb / 3P
Printed-circuit board connector - BCH-500VF- 6 BK
5452478 PHOENIX-5452478 Datasheet
81Kb / 3P
Printed-circuit board connector - BCH-500VF- 7 BK
5452479 PHOENIX-5452479 Datasheet
83Kb / 4P
Printed-circuit board connector - BCH-500VF- 8 BK
5452480 PHOENIX-5452480 Datasheet
83Kb / 4P
Printed-circuit board connector - BCH-500VF- 9 BK
5452484 PHOENIX-5452484 Datasheet
81Kb / 3P
Printed-circuit board connector - BCH-500VF-13 BK
5452486 PHOENIX-5452486 Datasheet
83Kb / 4P
Printed-circuit board connector - BCH-500VF-15 BK
5452488 PHOENIX-5452488 Datasheet
81Kb / 3P
Printed-circuit board connector - BCH-500VF-17 BK
5452489 PHOENIX-5452489 Datasheet
83Kb / 4P
Printed-circuit board connector - BCH-500VF-18 BK
5452491 PHOENIX-5452491 Datasheet
83Kb / 4P
Printed-circuit board connector - BCH-500VF-20 BK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com