Electronic Components Datasheet Search
  English  ▼

X  

8005021 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8005021
Description  Quarter turn actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8005021 Datasheet(HTML) 1 Page - Festo Corporation.

  8005021 Datasheet HTML 1Page - Festo Corporation. 8005021 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quarter turn actuator
DAPS-0960-090-R-F14-MW-T6
Part number: 8005021
Data sheet
Feature
Value
Size of valve actuator
0960
Flange hole pattern
F14
Swivel angle
92 deg
Depth shaft connection
38.5 mm
Type code
DAPS
Standard connection for valve
ISO 5211
Cushioning
No cushioning
Mounting position
Any
Mode of operation
Double-acting
Design
Scotch yoke system
Position sensing
None
Closing direction
Clockwise closing
Symbol
00991265
Valve connection conforms to standard
VDI/VDE 3845 (NAMUR)
Safety integrity level (SIL)
Up to SIL 2 high demand mode
Up to SIL 2 low demand mode
Operating pressure
0.3 MPa ... 0.84 MPa
Operating pressure
3 bar ... 8.4 bar
Nominal operating pressure
0.56 MPa
Nominal operating pressure
5.6 bar
CE marking (see declaration of conformity)
as per EU explosion protection directive (ATEX)
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
ATEX category gas
II 2G
ATEX category for dust
II 2D
Type of ignition protection for gas
Ex h IIC T6...T3 Gb X
Type of (ignition) protection for dust
Ex h IIIC T85°C...T200°C Db X
Explosive ambient temperature
-50°C <= Ta <= +60°C
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-50 °C ... 60 °C
Torque at nominal operating pressure and 0° swivel angle
960 Nm
Torque at nominal operating pressure and 50° swivel angle
480 Nm
Torque at nominal operating pressure and 90° swivel angle
720 Nm
8/9/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8005021

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8005020 FESTO-8005020 Datasheet
100Kb / 2P
Quarter turn actuator
8005022 FESTO-8005022 Datasheet
101Kb / 2P
Quarter turn actuator
8005023 FESTO-8005023 Datasheet
100Kb / 2P
Quarter turn actuator
8005024 FESTO-8005024 Datasheet
101Kb / 2P
Quarter turn actuator
8005025 FESTO-8005025 Datasheet
100Kb / 2P
Quarter turn actuator
More results

Similar Description - 8005021

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8005039 FESTO-8005039 Datasheet
108Kb / 2P
Quarter turn actuator
8005040 FESTO-8005040 Datasheet
108Kb / 2P
Quarter turn actuator
8005050 FESTO-8005050 Datasheet
109Kb / 2P
Quarter turn actuator
8005053 FESTO-8005053 Datasheet
109Kb / 2P
Quarter turn actuator
8005061 FESTO-8005061 Datasheet
105Kb / 2P
Quarter turn actuator
8005063 FESTO-8005063 Datasheet
106Kb / 2P
Quarter turn actuator
8005064 FESTO-8005064 Datasheet
105Kb / 2P
Quarter turn actuator
8005066 FESTO-8005066 Datasheet
105Kb / 2P
Quarter turn actuator
8005072 FESTO-8005072 Datasheet
105Kb / 2P
Quarter turn actuator
8030606 FESTO-8030606 Datasheet
95Kb / 2P
Quarter turn actuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com