Electronic Components Datasheet Search
  English  ▼

X  

ABC60-1012G Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC60-1012G
Description  4 x 2 x 1.2 Inch Form Factor (101.6 x 50.8 x 30.48 mm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC60-1012G Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC60-1012G Datasheet HTML 1Page - Bel Fuse Inc. ABC60-1012G Datasheet HTML 2Page - Bel Fuse Inc. ABC60-1012G Datasheet HTML 3Page - Bel Fuse Inc. ABC60-1012G Datasheet HTML 4Page - Bel Fuse Inc. ABC60-1012G Datasheet HTML 5Page - Bel Fuse Inc. ABC60-1012G Datasheet HTML 6Page - Bel Fuse Inc. ABC60-1012G Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABC60 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.00282_F
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Efficiency
7
Typical
85%
Hold Up Time
@ 120 VAC typical
>10 ms
Output Power
8
50 - 65 W
Line Regulation
± 0.3%
Load Regulation
V1:
V2 & V3:
± 0.5%
± 5%
Transient Response
50% to 100% load change, 50/60 Hz, 50% duty cycle, 0.1 A/µs
< 10%,
recovery time < 5 ms
Rise Time
< 100 ms
Set Point Tolerance
V1:
V2 & V3:
± 3%
± 5%
Output Voltage Adjustment
V1
± 10%
Over Current Protection
Typical above rating
130%
Over Voltage Protection
Typical for V1 only
130%
Short Circuit Protection
Short term, autorecovery
Cooling
Convection
7
For ABC60-3003G efficiency is 75% typical
8
Derate output power linearly to 80% from 90 VAC to 80 VAC input.
Single output models deliver 65 W, except for ABC60-1005G (50 W).
Triple output models deliver 60 W, except for ABC60-3003G (45 W).
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Operating Temperature
Refer to derating curve, Fig. 1
-20 to 0°C start-up is guaranteed
-20 to 70°C
Storage Temperature
-40 to +85°C
Relative Humidity
Non Condensing
95%
Altitude
Operating:
Non-Operating:
10,000 ft.
40,000 ft.
Reliability
MTBF according to Telcordia -SR332-Issue 3
1.87 million hours
Cooling
Convection



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com