Electronic Components Datasheet Search
  English  ▼

X  

ABC60-3003G Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC60-3003G
Description  4 x 2 x 1.2 Inch Form Factor (101.6 x 50.8 x 30.48 mm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC60-3003G Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC60-3003G Datasheet HTML 1Page - Bel Fuse Inc. ABC60-3003G Datasheet HTML 2Page - Bel Fuse Inc. ABC60-3003G Datasheet HTML 3Page - Bel Fuse Inc. ABC60-3003G Datasheet HTML 4Page - Bel Fuse Inc. ABC60-3003G Datasheet HTML 5Page - Bel Fuse Inc. ABC60-3003G Datasheet HTML 6Page - Bel Fuse Inc. ABC60-3003G Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The ABC60 Series of AC-DC open-frame power supplies, with its
wide universal 90-264 VAC input range and high power density, is
available at 60 W of output power and a variety of single and multiple
output voltages.
The high efficiency and high power density of the ABC family ens ures
minimal power loss in end-use equipment, thereby facilitating higher
reliability, easier thermal management and meets regulatory
approvals for environmentally-friendly end products.
These power supplies are ideal for telecom, datacom, industrial
equipment and other applications.
•
4 x 2 x 1.2 Inch Form Factor (101.6 x 50.8 x 30.48 mm)
•
50 - 65 W Convection Cooled
•
Single to Triple Outputs
•
High Efficiency > 85%
•
No Load Power < 0.3 W
•
IEC Protection Class Options:
o
Class I: Earth pin J4 (no suffix)
o
Class II: No Earth pin (-2 suffix)
•
Conducted EMI EN 55022-B, FCC Part 15 Level B
•
IEC / EN / UL 62368-1 Compliant
•
RoHS Compliant
•
Cover Kit Accessory Available
•
Instrumentation
•
Lighting
•
Industrial Applications
•
Applied Computing
•
Renewable Energy
•
Test and Measurement
•
Robotics
•
Wireless Communication


Similar Part No. - ABC60-3003G

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC60-3003G POWER-ONE-ABC60-3003G Datasheet
569Kb / 4P
60 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
logo
Bel Fuse Inc.
ABC60-3003G BEL-ABC60-3003G Datasheet
756Kb / 5P
Cover Kit Accessory Available
More results

Similar Description - ABC60-3003G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC75-1T12L BEL-ABC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
ABC180-1T12L BEL-ABC180-1T12L Datasheet
1Mb / 7P
4 x 2 x 0.75 Inches Form factor
MBC75-1T12L BEL-MBC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC180-1T12L BEL-MBC180-1T12L Datasheet
1Mb / 7P
4 x 2 x 0.75 Inches Form factor
MBC75 BEL-MBC75 Datasheet
878Kb / 5P
3 x 2 x 1 Inch Form Factor
MBC180 BEL-MBC180 Datasheet
896Kb / 7P
4 x 2 x 0.75 Inches Form factor
ABC40 BEL-ABC40_V01 Datasheet
547Kb / 6P
4 x 2 x 1.2 Inch Form Factor
MBC150 BEL-MBC150 Datasheet
730Kb / 6P
4 x 2 x 1.3 Inch Form Factor
MBC800 BEL-MBC800 Datasheet
1Mb / 13P
5 x 8.5 x 1.61 Inch Form Factor (127 x 216 x 41 mm)
MCC600 BEL-MCC600 Datasheet
1Mb / 12P
5 x 8.5 x 1.61 Inch Form Factor (127 x 216 x 41 mm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com