| Electronic Components Datasheet Search |
|
OR3C80 Datasheet(PDF) 97 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3C80 Datasheet(HTML) 97 Page - Agere Systems |
|
97 / 210 page ![]() Lucent Technologies Inc. 97 Data Sheet June 1999 ORCA Series 3C and 3T FPGAs FPGA Configuration Modes (continued) Slave Serial Mode The slave serial mode is primarily used when multiple FPGAs are configured in a daisy-chain (see the Daisy- Chaining section). It is also used on the FPGA evalua- tion board that interfaces to the download cable. A device in the slave serial mode can be used as the lead device in a daisy-chain. Figure 61 shows the connec- tions for the slave serial configuration mode. The configuration data is provided into the FPGA’s DIN input synchronous with the configuration clock CCLK input. After the FPGA has loaded its configuration data, it retransmits the incoming configuration data on DOUT. CCLK is routed into all slave serial mode devices in parallel. Multiple slave FPGAs can be loaded with identical con- figurations simultaneously. This is done by loading the configuration data into the DIN inputs in parallel. 5-4485(F) Figure 61. Slave Serial Configuration Schematic Slave Parallel Mode The slave parallel mode is essentially the same as the slave serial mode except that 8 bits of data are input on pins D[7:0] for each CCLK cycle. Due to 8 bits of data being input per CCLK cycle, the DOUT pin does not contain a valid bit stream for slave parallel mode. As a result, the lead device cannot be used in the slave parallel mode in a daisy-chain configuration. Figure 62 is a schematic of the connections for the slave parallel configuration mode. WR and CS0 are active-low chip select signals, and CS1 is an active- high chip select signal. These chip selects allow the user to configure multiple FPGAs in slave parallel mode using an 8-bit data bus common to all of the FPGAs. These chip selects can then be used to select the FPGA(s) to be configured with a given bit stream. The chip selects must be active for each valid CCLK cycle until the device has been completely pro- grammed. They can be inactive between cycles but must meet the setup and hold times for each valid pos- itive CCLK. D[7:0] of the FPGA can be connected to D[7:0] of the microprocessor only if a standard prom file format is used. If a .bit or .rbt file is used from ORCA Foundry, then the user must mirror the bytes in the .bit or .rbt file OR leave the .bit or .rbt file unchanged and connect D[7:0] of the FPGA to D[0:7] of the microprocessor. 5-4487(F) Figure 62. Slave Parallel Configuration Schematic MICRO- PROCESSOR OR DOWNLOAD CABLE M2 M1 M0 HDC SERIES FPGA LDC VDD CCLK PRGM DOUT TO DAISY- CHAINED DEVICES DONE DIN INIT ORCA MICRO- PROCESSOR OR SYSTEM D[7:0] DONE CCLK CS1 M2 M1 M0 HDC LDC 8 VDD INIT PRGM CS0 WR SERIES FPGA ORCA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |