Electronic Components Datasheet Search
  English  ▼

X  

2118908-2 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 2118908-2
Description  STANDARD AND CUSTOM ANTENNAS FOR IOT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2118908-2 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  2118908-2 Datasheet HTML 1Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 2Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 3Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 4Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 5Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 6Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 7Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 8Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DATA AND DEVICES /// STANDARD AND CUSTOM ANTENNAS FOR IOT
PAGE 3
•
Consist of: Element + Keep out +
Ground
•
Small size, low profile
•
Ideal for devices with very low
height requirement
•
Relatively large PCB ground keep
out of 10 mm to 20 mm is required
•
Compact Antenna
•
Use existing ground plane
•
Ground plane design + components/routing can have
strong RF impact
•
Automatic and repeatable assembly
•
Stand-alone antenna
•
Little to no dependency on device ground
•
Preferred option for metal cases
•
Option where antenna position different from device
position
•
Minimal RF design effort, ready to use
•
Larger Antenna
•
Ground plane independent antenna
•
Ground plane + components having little impact on RF
•
Manual assembly
•
Stand-alone antenna
•
Dependency on device ground increases with lower
frequencies
•
Preferred option for metal cases
•
Higher gain options available
•
Adapter cable = adding cost
•
Easy manipulation with minimal RF design effort
•
Consist of: Element + Keep out +
Ground
•
Higher profile of 10 mm to 20 mm
•
Smaller PCB ground keep out of 5
mm to 10 mm is required
•
Can save PCB space and offer good
antenna performance
•
Consist of: Element + Ground
•
Higher profile of 5 mm to 25 mm
•
No PCB ground keep out is required
•
Can save PCB space 
•
On-ground type ideal for single/dual
high band antennas
MOUNTING TYPES
Board Mount Antennas
Embedded Antennas
External & Terminal Antennas
Surface mount
Chassis mount, direct feed
External
Terminal mount
Chassis mount, cable feed
Tab mount
Surface mount on ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com