Electronic Components Datasheet Search
  English  ▼

X  

R7E Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7E
Description  Remote I/O R7 Series ETHERNET I/O MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7E Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7E Datasheet HTML 1Page - M-System Co.,Ltd. R7E Datasheet HTML 2Page - M-System Co.,Ltd. R7E Datasheet HTML 3Page - M-System Co.,Ltd. R7E Datasheet HTML 4Page - M-System Co.,Ltd. R7E Datasheet HTML 5Page - M-System Co.,Ltd. R7E Datasheet HTML 6Page - M-System Co.,Ltd. R7E Datasheet HTML 7Page - M-System Co.,Ltd. R7E Datasheet HTML 8Page - M-System Co.,Ltd. R7E Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
MODEL: R7E
R7E SPECIFICATIONS
ES-7807 Rev.13 Page 4/31
http://www.m-system.co.jp/
0
1 2 3 4 5 6 7 8 9 A B C D E F
10
11
12
13
2
3
4
1
15
16
17
18
7
8
9
6
14
5
Discrete I/O Status Indicator LED
I/O Terminals
• DISCRETE, 16 POINTS
■ DISCRETE I/O & TOTALIZED PULSE INPUT STATUS INDICATOR LED
Discrete I/O modules, including those for extensions, have LED indicators showing I/O signal status.
Totalized pulse modules have LED indicators showing input signal status.
ON : LED ON
OFF : LED OF
CONNECTION DIAGRAMS
ID
1
2
3
4
5
6
7
NO.
FUNCTION, NOTES
I POWER SUPPLY TERMINAL ASSIGNMENT
NC
NC
FG
NC
NC
+24 V
0 V
----
----
FG
----
----
Power input (24 V DC)
Power input (0 V)
4
NC
5
NC
6
+24 V
1
NC
2
NC
3
FG
7
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com