Electronic Components Datasheet Search
  English  ▼

X  

ILS3825 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILS3825
Description  Surface Mount Inductors, Low Profile for DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILS3825 Datasheet(HTML) 2 Page - Vishay Siliconix

  ILS3825 Datasheet HTML 1Page - Vishay Siliconix ILS3825 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
67
ILS-3825
Vishay Dale
Document Number 34026
Revision 08-Jan-04
For technical questions, contact Magnetics@vishay.com
PERFORMANCE GRAPHS
0.01
0.1
0.6
1
10
Typical Current vs Temperature Rise
160
140
120
100
80
60
40
20
0
DC CURRENT (Amps)
0
0.5
1
1.5
10
µH @ 85°C Ambient
10
µH @ 20°C Ambient
4.7
µH @ 85°C Ambient
4.7
µH @ 20°C Ambient
10
µH, L & Q vs Frequency
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (kHz)
80
70
60
50
40
30
20
10
0
L @ - 40
°C
L @ 85
°C
Q @ 85
°C
Q @ - 40
°C
L @ 20
°C
Q @ 20
°C
6
5
4
3
2
1
0
Energy Storage
DC CURRENT (Amps)
0
0.5
1
1.5
10
µH
4.7
µH
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Inductance vs DC Bias
DC CURRENT (Amps)
10
µH
4.7
µH
4.7
µH, L & Q vs Frequency
6.0
5.5
5.0
4.5
4.0
3.5
3.0
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (kHz)
L @ - 40
°C
L @ 85
°C
Q @ 85
°C
Q @ - 40
°C
L @ 20
°C
Q @ 20
°C
120
100
80
60
40
20
0
PACKAGING OPTIONS
• Tape and Reel:
Embossed plastic carrier tape.
Per EIA481-1.
2000 pieces on a 13" [330mm] reel.
Surface Mount Inductors, Low Profile for DC/DC Converters



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com