Electronic Components Datasheet Search
  English  ▼

X  

RXG23P7 Datasheet(PDF) 2 Page - Schneider Electric

Part # RXG23P7
Description  Harmony, Interface plug-in relay, 5 A, 2 CO, with LED, 230 V AC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RXG23P7 Datasheet(HTML) 2 Page - Schneider Electric

  RXG23P7 Datasheet HTML 1Page - Schneider Electric RXG23P7 Datasheet HTML 2Page - Schneider Electric RXG23P7 Datasheet HTML 3Page - Schneider Electric RXG23P7 Datasheet HTML 4Page - Schneider Electric RXG23P7 Datasheet HTML 5Page - Schneider Electric RXG23P7 Datasheet HTML 6Page - Schneider Electric RXG23P7 Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
[Ui] rated insulation voltage
250 V IEC
300 V CSA
300 V UL
[Uimp] rated impulse withstand voltage
6 kV 1.2/50 µs
Dielectric strength
1000 V AC between contacts with micro disconnection
5000 V AC between coil and contact with reinforced insulation
3000 V AC between poles with basic insulation
Coil resistance
23500 Ohm +/- 15 %
Insulation resistance
1000 MOhm at 500 V DC
Test levels
Level A group mounting
Mounting position
Any position
Average consumption in VA
0.82 VA 60 Hz
Drop-out voltage threshold
>= 0.3 Uc AC
Control circuit voltage limits
0.8...1.1 Uc AC
Coil insulation class
Class F
Operate time
20 ms
Release time
20 ms
[Uc] control circuit voltage
230 V AC 50/60 Hz
Safety reliability data
B10d = 100000
Colour of cover
Standard
Local signalling
Flag
Torque value
7.08 lbf.in (0.8 N.m)
Net weight
0.04 lb(US) (0.02 kg)
Device presentation
Complete product
Environment
Vibration resistance
3 gn +/- 0.75 mm 10…150 Hz)in operation
5 gn +/- 0.75 mm 10…150 Hz)not in operation
IP degree of protection
IP40
Shock resistance
20 gn in operation
100 gn not in operation
Protection category
RT I
Standards
IEC 61810-1
CSA C22.2 No 14
UL 508
Product certifications
CSA
CE
UL
EAC
DNV-GL
Pollution degree
2
Overvoltage category
III
Ambient air temperature for storage
-40…185 °F (-40…85 °C)
Ambient air temperature for operation
-40…158 °F (-40…70 °C)
Relative humidity
10…85 %
Ordering and shipping details
Category
21127 - ZELIO ICE CUBE RELAYS
Discount Schedule
CP2
GTIN
03606480689253
Nbr. of units in pkg.
10
Package weight(Lbs)
10 lb(US) (4.54 kg)
Returnability
No
Country of origin
CN
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com