Electronic Components Datasheet Search
  English  ▼

X  

R7G Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R7G
Description  Remote I/O R7 Series GATEWAY MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R7G Datasheet HTML 1Page - M-System Co.,Ltd. R7G Datasheet HTML 2Page - M-System Co.,Ltd. R7G Datasheet HTML 3Page - M-System Co.,Ltd. R7G Datasheet HTML 4Page - M-System Co.,Ltd. R7G Datasheet HTML 5Page - M-System Co.,Ltd. R7G Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MODEL: R7G
R7G SPECIFICATIONS
ES-7817 Rev.3 Page 6/6
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Control
circuit
CC-Link
comm.
circuit
HLS
comm.
circuit
DA
DB
DG
SLD
FG
TXD–(TR–)
RXD+
RXD–
NC
NC
TXD+(TR+)
NC
SLD1
CC-Link
comm.(IN)
HLS
comm.
(IN)
1
2
3
4
5
1
2
3
4
5
6
7
8
TXD–(TR–)
RXD+
RXD–
NC
NC
TXD+(TR+)
NC
SLD1
HLS
comm.
(OUT)
1
2
3
4
5
6
7
8
DA
DB
DG
SLD
FG
CC-Link
comm.(OUT)
1
2
3
4
5
24V DC
0V
FG
POWER (IN)
1
2
3
24V DC
0V
FG
POWER (OUT)
1
2
3
Isolation
SYSTEM CONFIGURATION EXAMPLES
Gateway module
Model: R7G
CC-Link I/O module
Model:R7C
...
...
HLS I/O module
Model: R7HL
CC-Link
Master
CC-Link
HLS
HLS
Master
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com