Electronic Components Datasheet Search
  English  ▼

X  

54AC244DMQB Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC244DMQB
Description  Octal Buffers/Line Drivers With 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC244DMQB Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54AC244DMQB Datasheet HTML 1Page - National Semiconductor (TI) 54AC244DMQB Datasheet HTML 2Page - National Semiconductor (TI) 54AC244DMQB Datasheet HTML 3Page - National Semiconductor (TI) 54AC244DMQB Datasheet HTML 4Page - National Semiconductor (TI) 54AC244DMQB Datasheet HTML 5Page - National Semiconductor (TI) 54AC244DMQB Datasheet HTML 6Page - National Semiconductor (TI) 54AC244DMQB Datasheet HTML 7Page - National Semiconductor (TI) 54AC244DMQB Datasheet HTML 8Page - National Semiconductor (TI) 54AC244DMQB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MICROCIRCUIT DATA SHEET
MN54AC244-X REV 1B1
(Absolute Maximum Ratings)
(Note 1)
Supply Voltage (Vcc)
-0.5V to +7.0V
DC Input Diode Current (Iik)
-20 mA
Vi = -0.5V
+20 mA
Vi = Vcc +0.5V
DC Input Voltage (Vi)
-0.5V to Vcc +0.5V
DC Output Diode Current (Iok)
-20 mA
Vo = -0.5V
+20 mA
Vo = Vcc +0.5V
DC Output Voltage (Vo)
-0.5V to Vcc +0.5V
DC Output Source or Sink Current (Io)
+50 mA
DC Vcc or Ground Current per Output Pin (Icc or Ignd)
+50 mA
Storage Temperature (Tstg)
-65 C to +150 C
Junction Temperature (Tj)
175 C
Note 1:
Absolute maximum ratings are those values beyond which damage to the device may
occur.
The databook specification should be met, without exception, to ensure that
the system design is reliable over its power supply, temperature, and output/input
loading variables.
National does not recommend operation of FACT TM circuits outside
databook specifications.
Recommended Operating Conditions
Supply Voltage (Vcc)
2.0V to 6.0V
Input Voltage (Vi)
0V to Vcc
Output Voltage (Vo)
0V to Vcc
Operating Temperature (Ta)
-55 C to +125 C
Minimum Input Edge Rate (Delta V/Delta t)
AC Devices
Vin From 30% to 70% of Vcc
125 mV/ns
Vcc @ 3.0V, 4.5V, 5.5V
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com