Electronic Components Datasheet Search
  English  ▼

X  

193392 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 193392
Description  Pressure booster
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

193392 Datasheet(HTML) 1 Page - Festo Corporation.

  193392 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pressure booster
DPA-63-16
Part number: 193392
Data sheet
Feature
Value
Piston diameter
63 mm
Type code
DPA
Mounting position
Any
Design
Twin-piston pressure intensifier
Symbol
00991432
Pressure gauge
G1/8 prepared
Outlet pressure 2
4 bar ... 16 bar
Operating pressure
2 bar ... 10 bar
Pressure regulation range
4 bar ... 16 bar
Inlet pressure 1
2 bar ... 10 bar
Information on pressure regulation range
If the controller spring is tensioned to the maximum, the maximum
output pressure may be exceeded by 40%.
Operating medium
Compressed air as per ISO 8573-1:2010 [7:3:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
5 °C ... 60 °C
Ambient temperature
5 °C ... 60 °C
Product weight
6000 g
Type of mounting
With internal thread
Pneumatic connection 1
G3/8
Pneumatic connection 2
G3/8
Pneumatic connection 3
G3/8
Note on materials
RoHS-compliant
8/17/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 193392

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1933943 PHOENIX-1933943 Datasheet
433Kb / 14P
MKDSN 2,5/10 - PCB terminal block
1933956 PHOENIX-1933956 Datasheet
411Kb / 14P
MKDSN 2,5/13 - PCB terminal block
1933969 PHOENIX-1933969 Datasheet
80Kb / 5P
PCB terminal block - ZFKDSA 1,5C-5,0- 3
09/12/2020
1933972 PHOENIX-1933972 Datasheet
47Kb / 3P
PCB terminal block - ZFKDSA 1,5C-5,0- 4
1933985 PHOENIX-1933985 Datasheet
80Kb / 5P
PCB terminal block - ZFKDSA 1,5C-5,0- 6
09/12/2020
More results

Similar Description - 193392

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
188399 FESTO-188399 Datasheet
101Kb / 1P
Pressure booster
537274 FESTO-537274 Datasheet
93Kb / 1P
Pressure booster
549397 FESTO-549397 Datasheet
108Kb / 1P
Pressure booster
549398 FESTO-549398 Datasheet
101Kb / 1P
Pressure booster
549401 FESTO-549401 Datasheet
100Kb / 1P
Pressure booster
549402 FESTO-549402 Datasheet
101Kb / 1P
Pressure booster
552928 FESTO-552928 Datasheet
96Kb / 1P
Pressure booster
552931 FESTO-552931 Datasheet
104Kb / 1P
Pressure booster
552932 FESTO-552932 Datasheet
111Kb / 1P
Pressure booster
552936 FESTO-552936 Datasheet
104Kb / 1P
Pressure booster
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com