Electronic Components Datasheet Search
  English  ▼

X  

577257 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 577257
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

577257 Datasheet(HTML) 1 Page - Festo Corporation.

  577257 Datasheet HTML 1Page - Festo Corporation. 577257 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VSNC-FC-M52-MD-G14-F8
Part number: 577257
Data sheet
Feature
Value
Valve function
5/2 or 3/2 switchable
Actuation type
Electrical
Width
32 mm
Standard nominal flow rate
1250 l/min
Pneumatic working port
NAMUR connection diagram
Operating voltage
Via solenoid coil, to be ordered separately
Operating pressure
2.5 bar ... 10 bar
Design
Piston gate valve
Reset method
Mechanical spring
Certification
c UL us - Recognized (OL)
Certificate issuing authority
DNVGL-TAA000011J
Type code
VSNC
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Conforms to standard
VDI/VDE 3845 (NAMUR)
Manual override
Detenting
Non-detenting
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991831
Lap
Overlap
Signal status display
With accessories
b-value
0.4
C value
5.2 l/sbar
Standard nominal flow rate, exhaust air return 4->3
110 l/min
Switching time off
48 ms
On switching time
11 ms
Duty cycle
100%
Coil characteristics
See solenoid coil, to be ordered separately
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
-20 °C ... 60 °C
Ambient temperature
-20 °C ... 60 °C
8/17/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 577257

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5772524 PHOENIX-5772524 Datasheet
106Kb / 3P
PCB terminal block - MKDSN 1,5/ 3-5,08 TS
11/05/2018
logo
Festo Corporation.
577258 FESTO-577258 Datasheet
105Kb / 2P
Air solenoid valve
577259 FESTO-577259 Datasheet
106Kb / 2P
Air solenoid valve
More results

Similar Description - 577257

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com