Electronic Components Datasheet Search
  English  ▼

X  

577258 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 577258
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

577258 Datasheet(HTML) 1 Page - Festo Corporation.

  577258 Datasheet HTML 1Page - Festo Corporation. 577258 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VSNC-F-B52-D-G14-F8
Part number: 577258
Data sheet
Feature
Value
Valve function
5/2, bistable
Actuation type
Electrical
Width
32 mm
Standard nominal flow rate
1350 l/min
Pneumatic working port
NAMUR connection diagram
Operating voltage
Via solenoid coil, to be ordered separately
Operating pressure
1.5 bar ... 10 bar
Design
Piston gate valve
Certification
c UL us - Recognized (OL)
Certificate issuing authority
DNVGL-TAA000011J
Type code
VSNC
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Conforms to standard
VDI/VDE 3845 (NAMUR)
Manual override
Detenting
Non-detenting
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991005
Lap
Overlap
Signal status display
With accessories
b-value
0.4
C value
5.6 l/sbar
Changeover time
11 ms
Duty cycle
100%
Coil characteristics
See solenoid coil, to be ordered separately
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
-20 °C ... 60 °C
Ambient temperature
-20 °C ... 60 °C
Product weight
345 g
Type of mounting
With through-hole
Venting hole connection
Not ducted
8/17/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 577258

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5772524 PHOENIX-5772524 Datasheet
106Kb / 3P
PCB terminal block - MKDSN 1,5/ 3-5,08 TS
11/05/2018
logo
Festo Corporation.
577257 FESTO-577257 Datasheet
97Kb / 2P
Air solenoid valve
577259 FESTO-577259 Datasheet
106Kb / 2P
Air solenoid valve
More results

Similar Description - 577258

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com