Electronic Components Datasheet Search
  English  ▼

X  

MAXQ1065 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAXQ1065
Description  Demonstrates the Features of the MAXQ1065 Socket Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ1065 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAXQ1065 Datasheet HTML 1Page - Maxim Integrated Products MAXQ1065 Datasheet HTML 2Page - Maxim Integrated Products MAXQ1065 Datasheet HTML 3Page - Maxim Integrated Products MAXQ1065 Datasheet HTML 4Page - Maxim Integrated Products MAXQ1065 Datasheet HTML 5Page - Maxim Integrated Products MAXQ1065 Datasheet HTML 6Page - Maxim Integrated Products MAXQ1065 Datasheet HTML 7Page - Maxim Integrated Products MAXQ1065 Datasheet HTML 8Page - Maxim Integrated Products MAXQ1065 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAXQ1065
MAXQ1065 Evaluation Kit
Arduino Uno-Compatible Boards
The MAXQ1065 socket board also provides four Arduino-
compatible connectors (JH1, JH2, JH4, and JH5) that
can be used to install Arduino motherboards, such as the
Maxim MAX3265MBED development platform, from the
bottom side of the board. The following steps can be used
to properly set up the MAXQ1065 socket board with an
Arduino-compatible platform:
1) Ensure that the Arduino mother board is powered off.
2) Connect the MAXQ1065 socket board on top of the
Arduino motherboard.
3) Adjust the VDD SEL switch (SW1) according to the
Arduino motherboard’s voltage requirements.
4) Power on the Arduino motherboard.
5) Do not use the USB cable.
Custom Motherboards
In the absence of an Arduino Uno board, the Arduino-
compatible connectors (JH1, JH2, JH4, and JH5) can
also be used for wiring up a custom motherboard to the
MAXQ1065 socket board. Each connector has its pinout
on the silkscreen for reference. The socket board sup-
ports custom motherboards operating in a 1.8V range
through the JH1 connector’s 1V8 pin (pin 1). The VDD
SEL switch (SW1) must be configured to 1.8V when
using a 1.8V motherboard to ensure proper operation of
the socket board. Regardless of its operating voltage, a
5V power supply must be provided from the host moth-
erboard through the JH1 connector’s 5V pin (pin 5) to
ensure proper operation of the socket board.
Hardware Settings
See Table 1, Table 2, and Table 3 for specific details on
each of the MAXQ1065 socket board’s hardware con-
figuration settings.
Figure 4. Raspberry Pi Powered on through its Own USB
Connector
Table 1. Jumper Settings
Table 2. Switch Settings
*Only supported when a 1.8V power supply is present through connector JH1 (pin 1).
NAME
COMPONENT
SETTING
DESCRIPTION
VDD_EN
JP1
Open
Disconnects the MAXQ1065 from VDD power
Closed
Connects the MAXQ1065 to VDD power
TAMPER SW IN
JH6
Open
No MAXQ1065 tamper event; turns off the TAMPER LED (D4)
Closed
Triggers a MAXQ1065 tamper event; turns on the TAMPER LED (D4)
NAME
COMPONENT
SETTING
DESCRIPTION
VDD SEL
SW1
1V8*
Sets VDD power to 1.8V and sets LED (D5) red
3V3
Sets VDD power to 3.3V and sets LED (D5) green
PDWN
SW2
Not pressed
(Default)
Disable the MAXQ1065 power-down mode
Pressed
Make the MAXQ1065 enter power-down mode



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com