Electronic Components Datasheet Search
  English  ▼

X  

ACE701CC Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE701CC
Description  Synchronous Step-Up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701CC Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE701CC Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701CC Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701CC Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701CC Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701CC Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701CC Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701CC Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701CC Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701CC Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACE701CC
Synchronous Step-Up DC/DC Converter
VER 1.2
1
Description
The ACE701CC Series is a Synchronous step-up DC/DC Converter with PFM Control. With the
ACE701CC Series, a step-up switching DC/DC converter can be configured by using an external coil,
capacitor. The built-in MOSFET is turned off by a protection circuit when the voltage at the LX pin exceeds
the limit to prevent it from being damaged
.
Features
External parts: Coil, capacitor
Output voltage: Settable to between 1.8V to 5.5 V in 0.1 V steps
Maximum Oscillation frequency:300KHz
Accuracy of ±2%
High efficiency:95%
Application
Digital cameras
Electronic notebooks and PDAs
Portable CD/MD players
Cameras, video equipment
Communications equipment
Power supply for microcomputers
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
VOUT pin voltage
VOUT
VSS-0.3 ~ VSS+8
V
EN pin voltage
EN
VSS-0.3 ~ VSS+8
V
LX pin voltage
VLX
VSS-0.3 ~ VSS+8
V
LX pin current
ILX
1000
mA
Power dissipation
SOT-23-3
PD
250
mW
TSOT-23-3
250
mW
SOT-23-5
250
mW
SOT-89-3
500
mW
Operating temperature
Topr
-40 ~+85
Storage temperature
Tstg
-40 ~+125
Soldering Temperature & Time
Tsolder
260°C, 10s


Similar Part No. - ACE701CC

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701C ACE-ACE701C Datasheet
465Kb / 10P
High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
ACE701C125BM+H ACE-ACE701C125BM+H Datasheet
465Kb / 10P
High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
ACE701C130BM+H ACE-ACE701C130BM+H Datasheet
465Kb / 10P
High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
ACE701C160BM+H ACE-ACE701C160BM+H Datasheet
465Kb / 10P
High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
ACE701CA ACE-ACE701CA Datasheet
806Kb / 13P
Small Package PFM Control Step-Up DC/DC Converter
VER 1.2
More results

Similar Description - ACE701CC

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
High-efficiency Synchronous Step-up DC/DC Converter
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
Step-Up Synchronous PFM DC/DC Converter
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
PFM Synchronous Step-up DC/DC Converter
logo
Union Semiconductor, In...
UM3429 UNIONSEMI-UM3429 Datasheet
606Kb / 12P
600mA, 1MHz, Synchronous Step-Up DC-DC Converter
logo
Holtek Semiconductor In...
HT7718S HOLTEK-HT7718S_16 Datasheet
1Mb / 25P
100mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
Synchronous step-up DC/DC Converter
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com