Electronic Components Datasheet Search
  English  ▼

X  

ACE735N Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE735N
Description  High Efficiency, 1.5A 40V Input Synchronous Step-Down Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE735N Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE735N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE735N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE735N Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE735N
High Efficiency, 1.5A 40V Input Synchronous Step-Down Regulator
VER 1.2
1
Description
ACE735N develops a high efficiency synchronous step-down DC-DC converter capable of delivering
1.5A load current. The ACE735N operate over a wide input voltage range from 4V to 40V and integrate
main switch and synchronous switch with low RDS(ON) to minimize the conduction loss.
The ACE735N adopts peak current control scheme. The switching frequency is 2MHz. Low output
voltage ripple and small external inductor and capacitor sizes are achieved with 2MHz switching
frequency.
The device also features ultra low quiescent operating to achieve high efficiency under light load. And the
internal soft-start limits inrush current during power on.
Features
⚫
Low RDS(ON) for Internal Switches
(Top/Bottom):380mΩ/180mΩ
⚫
4.0-40V Input Voltage Range
⚫
1.5A Output Current Capability
⚫
2MHz Fixed Switching Frequency
⚫
0.8V±1.0% Reference Voltage
⚫
Low Quiescent Current
⚫
Internal Soft-start Limits the Inrush Current
⚫
Hic-cup Mode Output Short Circuit Protection
⚫
Thermal Shutdown and Auto Recovery
⚫
Compact Package: SOT23-6
Applications
⚫
LCD-TV
⚫
Set Top Box
⚫
Notebook
⚫
Storage
⚫
High Power AP Router
⚫
Networking


Similar Part No. - ACE735N

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7352N ACE-ACE7352N Datasheet
192Kb / 3P
40V Input Standoff Voltage, 2A Step-Down Converter
VER 1.1
ACE7353N ACE-ACE7353N Datasheet
187Kb / 3P
High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
VER 1.1
ACE7355YFL+H ACE-ACE7355YFL+H Datasheet
231Kb / 4P
5.5V, 6A, 1.2MHz, High-Efficiency Buck Converter
VER 1.1
ACE7356N ACE-ACE7356N Datasheet
190Kb / 3P
High Efficiency, 85V Input0.6A Asynchronous Step Down Regulator
VER 1.1
ACE7358F ACE-ACE7358F Datasheet
190Kb / 3P
High Efficiency, 1.2MHz, 52V Input, 0.8A Asynchronous Step Down Regulator
VER 1.2
More results

Similar Description - ACE735N

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC189 SEMTECH-SC189 Datasheet
1Mb / 23P
2.5MHz, 1.5A Synchronous Step Down Regulator
logo
STMicroelectronics
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
High efficiency monolithic synchronous step down regulator
11-Apr-2011
logo
Semicoa Semiconductor
SC189ASK.TRT SEMICOA-SC189ASK.TRT Datasheet
1Mb / 24P
2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Linear Technology
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
1.5A Monolithic Synchronous Step-Down Regulator
logo
Exar Corporation
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
logo
Silergy Corp.
SY8009 SILERGY-SY8009 Datasheet
844Kb / 9P
High Efficiency 1.5MHz/1MHz, 1.5A/2A Synchronous Step Down Regulator
logo
Feeling Technology Corp...
FP6162 FEELING-FP6162 Datasheet
813Kb / 19P
1.5MHz, 1.5A Synchronous Step-Down Regulator
logo
Will Semiconductor Ltd.
WD1030 WILLSEMI-WD1030 Datasheet
938Kb / 9P
High Efficiency 5V, 1.5A continuous, 1.3MHz Synchronous Step-Down Regulator
logo
ACE Technology Co., LTD...
ACE7353N ACE-ACE7353N Datasheet
187Kb / 3P
High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
VER 1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com