Electronic Components Datasheet Search
  English  ▼

X  

ACE758P Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE758P
Description  1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE758P Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE758P Datasheet HTML 1Page - ACE Technology Co., LTD. ACE758P Datasheet HTML 2Page - ACE Technology Co., LTD. ACE758P Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE758P
1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
VER 1.2
1
Description
The ACE758P provides high efficiency in a very small footprint. Featuring integrated inductor, the
device delivers up to 1500mA of continuous output current. Total solution footprint can be as little as
40mm2.
Output voltage is programmed via an external resistor divider providing a wide range of flexibility while
maintaining a very small footprint.
Integration of the inductor reduces conducted and radiated noise providing excellent compatibility with
sensitive RF and high speed data applications.
Features
Integrated Inductor Technology
Total Solution Footprint as Small as 40 mm2
Solution Power Density up to 140mW/mm2
1500 mA Continuous Output Current
High Efficiency, up to 94 %
Low Ripple Voltage; 8 mVP-P Typical
Power OK Signal with 5 mA Sink Capability
2.4V to 5.5V Input Voltage Range
Fast Transient Response
4 MHz Fixed Switching Frequency
Low Dropout Operation: 100 % Duty Cycle
Under Voltage Lockout, Over Current, Short Circuit, and Thermal Protection
RoHS Compliant; MSL 3 260 °C Reflow
Application
Wireless wide area networking data cards.
Replacement of inefficient LDOs
Noise Sensitive Applications such as RF, Audio and Video, and high speed IO
Computing, Computer Peripherals, Storage, Networking, and Instrumentation
USB, DSL, STB, DVR, DTV, and iPC


Similar Part No. - ACE758P

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE752D ACE-ACE752D Datasheet
332Kb / 9P
120KHz 3.5A Buck DC-DC Converter
VER 1.1
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
ACE757P ACE-ACE757P Datasheet
221Kb / 3P
1A Light Load Mode Buck Regulator with Integrated Inductor
VER 1.2
More results

Similar Description - ACE758P

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN2342QI ALTERA-EN2342QI Datasheet
3Mb / 23P
4A PowerSoC Voltage Mode Synchronous PWM Buck with Integrated Inductor
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EP53F8QI ALTERA-EP53F8QI Datasheet
945Kb / 12P
1500 mA PowerSoC Voltage Mode Synchronous PWM Buck with Integrated Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com