Electronic Components Datasheet Search
  English  ▼

X  

ACE5055LA Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5055LA
Description  300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5055LA Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5055LA Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5055LA Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5055LA Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE5055LA
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
1
Description
The ACE5055LA is designed for portable applications with demanding performance and space
requirements. The ACE5055LA performance is optimized for battery-powered systems to deliver ultra-low
noise and low quiescent current. Regulator ground current increases only slightly in dropout, further
prolonging the battery life. The ACE5055LA also works with low-ESR ceramic capacitors, reducing the
amount of board space necessary for power applications, critical in hand-held wireless devices. The
ACE5055LA consumes only 0.01µA current in shutdown mode and has fast turn-on time (Typical 50µs).
The other features include ultra-low dropout voltage, high output accuracy, current limiting protection, and
high ripple rejection ratio.
Features
⚫
Ultra-low Noise
⚫
Ultra-Fast Response in Line/Load Transient
⚫
0.01
μA Standby Current When Shutdown
⚫
Low Dropout: 230mV@300mA
⚫
Wide Operating Voltage Ranges: 2.2V to 5.5V
⚫
Low Temperature Coefficient
⚫
Current Limiting Protection
⚫
Thermal Shutdown Protection
⚫
Only 1
μF Output Capacitor Required for Stability
⚫
High Power Supply Rejection Ratio
⚫
Fast output discharge
⚫
Available in SOT23-5、SOT23-3、SC70-5 and DFN1×1-4L Package
Application
⚫
Cellular and Smart Phones
⚫
Cordless Telephones
⚫
Battery-Powered Equipment
⚫
Laptop, Palmtops, Notebook Computers
⚫
Hand-Held Instruments
⚫
PCMCIA Cards
⚫
MP3/MP4/MP5 Players
⚫
Portable Information Appliances


Similar Part No. - ACE5055LA

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE50550BNA+ ACE-ACE50550BNA+ Datasheet
231Kb / 9P
Low noise 150mA LDO regulator
VER 1.5
ACE50550BNA+H ACE-ACE50550BNA+H Datasheet
434Kb / 9P
Low noise 150mA LDO regulator
VER 1.4
ACE50550BNB+ ACE-ACE50550BNB+ Datasheet
231Kb / 9P
Low noise 150mA LDO regulator
VER 1.5
ACE50550BNB+H ACE-ACE50550BNB+H Datasheet
434Kb / 9P
Low noise 150mA LDO regulator
VER 1.4
ACE50550QM+ ACE-ACE50550QM+ Datasheet
231Kb / 9P
Low noise 150mA LDO regulator
VER 1.5
More results

Similar Description - ACE5055LA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com