Electronic Components Datasheet Search
  English  ▼

X  

SSD1809T Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SSD1809T
Description  LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1809T Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SSD1809T Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1809T Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1809T Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1809T Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1809T Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1809T Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1809T Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1809T Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1809T Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SSD1809
SOLOMON
9
REV 1.3
03/02
RD (Read Cycle)
D/C
D
0 -D7 (Write Cycle)
D
0-D7 (Read Cycle)
CE
t
AS
t
cycle
t
EH
tDS
t
DD
tDHW
tDHR
tAH
WR (Write Cycle)
Symbol
Parameter
Min
Typ
Max
Unit
tcycle
Enable Cycle Time
1000
-
-
ns
tEH
Enable Pulse Width
-
500
-
ns
tAS
Address Setup Time
-
200
-
ns
tAH
Address Hold Time
-
250
-
ns
tDS
Data Setup Time for Write Cycle
-
350
-
ns
tDHW
Data Hold Time for Write Cycle
-
250
-
ns
tDD
Data Delay Time for Read Cycle
-
350
-
ns
tDHR
Data Hold Time for Read Cycle
-
100
-
ns
Table 2 : Timing Characteristics for 80-Series Parallel Interface (TA=-30 to 85
oC, DV
DD=2.2 to 3.5V, VSS=0V)
Figure 3 : Timing Characteristics for 80-Series Parallel Interface
Note: In Read Cycle, the WR pin should be High. In Write Cycle, the RD pin should be High.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com