Electronic Components Datasheet Search
  English  ▼

X  

CMD240P4 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD240P4
Description  DC-22 GHz Distributed Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD240P4 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD240P4 Datasheet HTML 1Page - Qorvo, Inc CMD240P4 Datasheet HTML 2Page - Qorvo, Inc CMD240P4 Datasheet HTML 3Page - Qorvo, Inc CMD240P4 Datasheet HTML 4Page - Qorvo, Inc CMD240P4 Datasheet HTML 5Page - Qorvo, Inc CMD240P4 Datasheet HTML 6Page - Qorvo, Inc CMD240P4 Datasheet HTML 7Page - Qorvo, Inc CMD240P4 Datasheet HTML 8Page - Qorvo, Inc CMD240P4 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD240P4 is wideband GaAs MMIC
distributed amplifier housed in a leadless 4x4
mm surface mount package. The amplifier
operates from DC to 22 GHz and delivers
greater
than
15
dB
of
gain
with
a
corresponding noise figure of 2.2 dB and
output 1 dB compression point of +19 dBm at
10 GHz. The CMD240P4 is a 50 ohm matched
design which eliminates the need for RF port
matching.
► Ultra wideband performance
► Low noise figure
► Low current consumption
► Excellent return losses
► Pb-free RoHs compliant 4x4 QFN package
Electrical Performance - Vdd = 5.0 V, Idd = 80 mA, TA = 25
oC, F = 10 GHz
Features
Description
Functional Block Diagram
ver 1.3 0418
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
15
dB
Noise Figure
2.2
dB
Input Return Loss
19
dB
Output Return Loss
18
dB
Output P1dB
19
dBm
Supply Current
80
mA
DC - 22
Output IP3
26
dBm
Output IP2
31
dBm
CMD240P4
DC-22 GHz Distributed Amplifier


Similar Part No. - CMD240P4

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD240P4 MMIC-CMD240P4 Datasheet
273Kb / 10P
DC-22 GHz Distributed Amplifier
logo
Qorvo, Inc
CMD240P4 QORVO-CMD240P4 Datasheet
358Kb / 11P
DC-22 GHz Distributed Amplifier
November 4, 2021
CMD240P4 QORVO-CMD240P4_V01 Datasheet
358Kb / 11P
DC-22 GHz Distributed Amplifier
November 4, 2021
More results

Similar Description - CMD240P4

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD240 MMIC-CMD240 Datasheet
232Kb / 10P
DC-22 GHz Distributed Amplifier
CMD240C4 MMIC-CMD240C4 Datasheet
268Kb / 10P
DC-22 GHz Distributed Amplifier
CMD240P4 MMIC-CMD240P4 Datasheet
273Kb / 10P
DC-22 GHz Distributed Amplifier
logo
Qorvo, Inc
CMD240C4 QORVO-CMD240C4 Datasheet
262Kb / 10P
DC-22 GHz Distributed Amplifier
CMD240 QORVO-CMD240 Datasheet
227Kb / 10P
DC-22 GHz Distributed Amplifier
CMD284P4 QORVO-CMD284P4 Datasheet
438Kb / 13P
DC-22 GHz Distributed Amplifier
CMD284 QORVO-CMD284 Datasheet
419Kb / 13P
DC-22 GHz Distributed Amplifier
CMD240P4 QORVO-CMD240P4_V01 Datasheet
358Kb / 11P
DC-22 GHz Distributed Amplifier
November 4, 2021
CMD284P4 QORVO-CMD284P4_V01 Datasheet
445Kb / 14P
DC-22 GHz Distributed Amplifier
December 6, 2021
CMD284 QORVO-CMD284_V01 Datasheet
366Kb / 15P
DC-22 GHz Distributed Amplifier
August 23, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com