Electronic Components Datasheet Search
  English  ▼

X  

CMD233C4 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD233C4
Description  2-20 GHz Distributed Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD233C4 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD233C4 Datasheet HTML 1Page - Qorvo, Inc CMD233C4 Datasheet HTML 2Page - Qorvo, Inc CMD233C4 Datasheet HTML 3Page - Qorvo, Inc CMD233C4 Datasheet HTML 4Page - Qorvo, Inc CMD233C4 Datasheet HTML 5Page - Qorvo, Inc CMD233C4 Datasheet HTML 6Page - Qorvo, Inc CMD233C4 Datasheet HTML 7Page - Qorvo, Inc CMD233C4 Datasheet HTML 8Page - Qorvo, Inc CMD233C4 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD233C4 is a wideband GaAs MMIC
low noise amplifier housed in a leadless 4x4
mm surface mount package. The CMD233C4
is ideally suited for military, space and
communications systems where small size and
low noise figure are needed over a wide
bandwidth. At 10 GHz the device delivers
greater than 9 dB of gain with a corresponding
noise figure of 4.5 dB and an output 1 dB
compression
point
of
+20.5
dBm.
The
CMD233C4 is a 50 ohm matched design which
eliminates the need for external DC blocks and
RF port matching.
► Wide bandwidth
► Single positive supply voltage
► Low noise figure
► Pb-free RoHs compliant 4x4 QFN package
Electrical Performance – Vdd = 5.0 V, TA = 25
oC, F = 10 GHz
Features
Description
Functional Block Diagram
ver 2.0 0519
Parameter
Min
Typ
Max
Units
Frequency Range
2 – 18
GHz
Gain
9
dB
Noise Figure
4.5
dB
Input Return Loss
10
dB
Output Return Loss
20
dB
Supply Current
120
mA
Output P1dB
20.5
dBm
Output IP3
24
dBm
Output IP2
33
dBm
CMD233C4
2-20 GHz Distributed Low Noise Amplifier


Similar Part No. - CMD233C4

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD233C4 MMIC-CMD233C4 Datasheet
312Kb / 12P
2-20 GHz Distributed Low Noise Amplifier
More results

Similar Description - CMD233C4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C050 HITTITE-HMC-C050 Datasheet
416Kb / 6P
ULTRA LOW PHASE NOISE DISTRIBUTED AMPLIFIER, 2 - 18 GHz
logo
TriQuint Semiconductor
TGA8310-SCC TRIQUINT-TGA8310-SCC_15 Datasheet
404Kb / 14P
2 - 20 GHz Low Noise Amplifier
QPM1000 TRIQUINT-QPM1000 Datasheet
1Mb / 11P
2 -20 GHz Limiter/Low-Noise Amplifier
logo
Custom MMIC Design Serv...
CMD233 MMIC-CMD233 Datasheet
280Kb / 12P
2-20 GHz Distributed Low Noise Amplifier
CMD233C4 MMIC-CMD233C4 Datasheet
312Kb / 12P
2-20 GHz Distributed Low Noise Amplifier
CMD274 MMIC-CMD274 Datasheet
296Kb / 10P
2-20 GHz Low Phase Noise Amplifier
CMD274P4 MMIC-CMD274P4 Datasheet
266Kb / 10P
2-20 GHz Low Phase Noise Amplifier
logo
Qorvo, Inc
CMD274P4 QORVO-CMD274P4 Datasheet
266Kb / 10P
2-20 GHz Low Phase Noise Amplifier
CMD274 QORVO-CMD274 Datasheet
296Kb / 10P
2-20 GHz Low Phase Noise Amplifier
CMD233 QORVO-CMD233 Datasheet
280Kb / 12P
2-20 GHz Distributed Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com