Electronic Components Datasheet Search
  English  ▼

X  

CMD227C3 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD227C3
Description  Frequency Doubler, 8-15 GHz Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD227C3 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD227C3 Datasheet HTML 1Page - Qorvo, Inc CMD227C3 Datasheet HTML 2Page - Qorvo, Inc CMD227C3 Datasheet HTML 3Page - Qorvo, Inc CMD227C3 Datasheet HTML 4Page - Qorvo, Inc CMD227C3 Datasheet HTML 5Page - Qorvo, Inc CMD227C3 Datasheet HTML 6Page - Qorvo, Inc CMD227C3 Datasheet HTML 7Page - Qorvo, Inc CMD227C3 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD227C3 is a broadband MMIC GaAs
x2 passive frequency multiplier in a ceramic,
QFN-style package. When driven by a +15 dBm
signal, the multiplier provides 11 dB conversion
loss at an output frequency of 23 GHz. The Fo
and 3Fo isolations are 38 dBc and 49 dBc
respectively. The CMD227C3 is a 50 ohm
matched design eliminating the need for RF port
matching.
► Low conversion loss
► Excellent Fo isolation
► Broadband performance
► No bias required
► Pb-free RoHS compliant 3x3 SMT package
Features
Description
Functional Block Diagram
ver 1.0 0218
Electrical Performance – TA = 25
oC, Pin = +15 dBm, Fin = 11.5 GHz
Parameter
Min
Typ
Max
Units
Frequency Range, Input
8 – 15
GHz
Frequency Range, Output
16 – 30
GHz
Conversion Loss
11
dB
Fo Isolation (with respect to input level)
38
dB
3Fo Isolation (with respect to input level)
49
dB
CMD227C3
Frequency Doubler, 8-15 GHz Input


Similar Part No. - CMD227C3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD227C3 MMIC-CMD227C3 Datasheet
202Kb / 8P
Frequency Doubler, 8-15 GHz Input
More results

Similar Description - CMD227C3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC204 HITTITE-HMC204 Datasheet
158Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC-XDB112 HITTITE-HMC-XDB112 Datasheet
157Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 10 - 15 GHz INPUT
HMC-XDB112 HITTITE-HMC-XDB112_09 Datasheet
156Kb / 4P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 10 - 15 GHz INPUT
logo
Custom MMIC Design Serv...
CMD227C3 MMIC-CMD227C3 Datasheet
202Kb / 8P
Frequency Doubler, 8-15 GHz Input
CMD227 MMIC-CMD227 Datasheet
193Kb / 8P
Passive Frequency Doubler, 8-15 GHz Input
CMD225C3 MMIC-CMD225C3 Datasheet
211Kb / 8P
Passive Frequency Doubler, 4-8 GHz Input
CMD225 MMIC-CMD225 Datasheet
189Kb / 8P
Passive Frequency Doubler, 4-8 GHz Input
logo
Qorvo, Inc
CMD227 QORVO-CMD227 Datasheet
187Kb / 8P
Passive Frequency Doubler, 8-15 GHz Input
CMD225C3 QORVO-CMD225C3 Datasheet
205Kb / 8P
Passive Frequency Doubler, 4-8 GHz Input
CMD225 QORVO-CMD225 Datasheet
184Kb / 8P
Passive Frequency Doubler, 4-8 GHz Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com