Electronic Components Datasheet Search
  English  ▼

X  

153CLV Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 153CLV
Description  Aluminum Capacitors SMD (Chip) Long Life Vertical
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

153CLV Datasheet(HTML) 1 Page - Vishay Siliconix

  153CLV Datasheet HTML 1Page - Vishay Siliconix 153CLV Datasheet HTML 2Page - Vishay Siliconix 153CLV Datasheet HTML 3Page - Vishay Siliconix 153CLV Datasheet HTML 4Page - Vishay Siliconix 153CLV Datasheet HTML 5Page - Vishay Siliconix 153CLV Datasheet HTML 6Page - Vishay Siliconix 153CLV Datasheet HTML 7Page - Vishay Siliconix 153CLV Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 28302
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 07-Nov-05
1
Aluminum Capacitors
SMD (Chip) Long Life Vertical
153 CLV
Vishay BCcomponents
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte, self healing
• SMD-version with base plate, vertical construction
requiring minimum board space, reflow solderable
• High CV per unit volume
• Long useful life: 2000 to 3000 hours at 105 °C
• Charge and discharge proof, no peak current limitation
• Supplied in blister tape on reel.
• Lead (Pb)-free terminations available.
• ATTENTION: for maximum safe soldering conditions refer
to fig.4
APPLICATIONS
• SMD technology, for high mounting density
• Coupling, decoupling, smoothing, filtering, buffering,
timing
• Telecommunications, general industrial, EDP, automotive,
portable and lightweight equipment.
MARKING
• Rated capacitance (in μF).
• Rated voltage (in V).
• Date code, in accordance with IEC 60062.
• Black mark or ‘−’ sign indicating the cathode
(the anode is identified by bevelled edges).
• Code indicating group number (V).
PACKAGING
Supplied in blister tape on reel.
Fig.1 Component outline.
°
°
153 CRV
Lead (Pb)-free
153 CLV
140 CLH
150 CLZ
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(L
× W × H in mm)
4.0
× 4.0 × 5.3
to 10
× 10 × 14
Rated capacitance range, CR
0.47 to 1000
μF
Tolerance on CR
±20%
Rated voltage range, UR
6.3to100 V
Category temperature range
− 55 to +105 °C
Endurance test at 105
°C:
case sizes
4.0
× 4.0 × 5.3to6.3 × 6.3 × 5.3
1000 hours
case sizes
8.0
× 8.0 × 6.5to10 × 10 × 14
2000 hours
Useful life at 105
°C:
case sizes
4.0
× 4.0 × 5.3to6.3 × 6.3 × 5.3
2000 hours
case sizes
8.0
× 8.0 × 6.5to10 × 10 × 14
3000 hours
Useful life at 40
°C; 1.3 × l
R applied:
case sizes
4.0
× 4.0 × 5.3to6.3 × 6.3 × 5.3
200000 hours
case sizes
8.0
× 8.0 × 6.5to10 × 10 × 14
300000 hours
Shelf life at 0 V, 105
°C
1000 hours
Based on sectional specification
IEC 60384-18/
CECC 32300
Climatic category IEC 60068
55/105/56


Similar Part No. - 153CLV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
153CLV VISHAY-153CLV Datasheet
112Kb / 8P
Aluminum Capacitors SMD (Chip) Long Life Vertical
16-May-08
153CLV VISHAY-153CLV_08 Datasheet
112Kb / 8P
Aluminum Capacitors SMD (Chip) Long Life Vertical
16-May-08
More results

Similar Description - 153CLV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
153CRV VISHAY-153CRV Datasheet
541Kb / 9P
Aluminum Capacitors SMD (Chip) Long Life Vertical
12-Dec-07
139CLL VISHAY-139CLL Datasheet
109Kb / 8P
Aluminum Capacitors SMD (Chip) Long Life
28-May-08
153CLV VISHAY-153CLV_08 Datasheet
112Kb / 8P
Aluminum Capacitors SMD (Chip) Long Life Vertical
16-May-08
139CLL VISHAY-139CLL_13 Datasheet
114Kb / 8P
Aluminum Capacitors SMD (Chip) Long Life
11-Feb-13
153CRV VISHAY-153CRV_12 Datasheet
115Kb / 9P
Aluminum Capacitors SMD (Chip) Long Life Vertical
13-Mar-12
222215370109 VISHAY-222215370109 Datasheet
115Kb / 9P
Aluminum Capacitors SMD (Chip) Long Life Vertical
13-Mar-12
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
Aluminum Electrolytic Capacitors SMD (Chip) Long Life
29-Sep-16
153CRV VISHAY-153CRV_17 Datasheet
123Kb / 9P
Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
20-Mar-17
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
15-Dec-2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com