Electronic Components Datasheet Search
  English  ▼

X  

MPC885EC Datasheet(PDF) 83 Page - NXP Semiconductors

Part # MPC885EC
Description  MPC885/MPC880 PowerQUICC Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC885EC Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button MPC885EC Datasheet HTML 79Page - NXP Semiconductors MPC885EC Datasheet HTML 80Page - NXP Semiconductors MPC885EC Datasheet HTML 81Page - NXP Semiconductors MPC885EC Datasheet HTML 82Page - NXP Semiconductors MPC885EC Datasheet HTML 83Page - NXP Semiconductors MPC885EC Datasheet HTML 84Page - NXP Semiconductors MPC885EC Datasheet HTML 85Page - NXP Semiconductors MPC885EC Datasheet HTML 86Page - NXP Semiconductors MPC885EC Datasheet HTML 87Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 83 / 87 page
background image
MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7
Freescale Semiconductor
83
Mechanical Data and Ordering Information
PE14, RXD3, MII2-TXD0,
RMII2-TXD0
V7
Bidirectional
TMS
V18
Input
TDI, DSDI
T16
Input
TCK, DSCK
U17
Input
TRST
W18
Input
TDO, DSDO
T17
Output
MII1_CRS
T11
Input
MII_MDIO
P19
Bidirectional
MII1_TXEN, RMII1_TXEN
T5
Output
MII1_COL
U12
Input
VSSSYN1
C2
PLL analog VDD and GND
VSSSYN
E4
Power
VDDLSYN
B2
Power
GND
G6, G7, G8, G9, G10, G11, G12, G13, H7, H8, H9, H10, H11, H12,
H13, H14, J7, J8, J9, J10, J11, J12, J13, K7, K8, K9, K10, K11, K12,
K13, L7, L8, L9, L10, L11, L12, L13, M7, M8, M9, M10, M11, M12,
M13, N7, N8, N9, N10, N11, N12, N13, N14, P7, P13, R16
Power
VDDL
E5, E6, E9, E11, E14, G15, H5, J5, J15, K15, L5, M15, N5, R6, R9,
R10, R12, R15
Power
VDDH
E7, E8, E10, E12, E13, E15, F5, F6, F7, F8, F9, F10, F11, F12, F13,
F14, F15, G5, G14, H6, H15, J6, J14, K5, K6, K14, L6, L14, L15, M5,
M6, M14, N6, N15, P5, P6, P8, P9, P10, P11, P12, P14, P15, R5,
R7, R8, R11, R13, R14
Power
N/C
N17
No connect
1 ESAR mode only.
Table 39. Pin Assignments (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com