Electronic Components Datasheet Search
  English  ▼

X  

MPC880 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MPC880
Description  MPC885/MPC880 PowerQUICC Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC880 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPC880 Datasheet HTML 6Page - NXP Semiconductors MPC880 Datasheet HTML 7Page - NXP Semiconductors MPC880 Datasheet HTML 8Page - NXP Semiconductors MPC880 Datasheet HTML 9Page - NXP Semiconductors MPC880 Datasheet HTML 10Page - NXP Semiconductors MPC880 Datasheet HTML 11Page - NXP Semiconductors MPC880 Datasheet HTML 12Page - NXP Semiconductors MPC880 Datasheet HTML 13Page - NXP Semiconductors MPC880 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7
10
Freescale Semiconductor
Thermal Characteristics
This device contains circuitry protecting against damage due to high-static voltage or electrical fields;
however, it is advised that normal precautions be taken to avoid application of any voltages higher than
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage level (for example, either GND or VDD).
4
Thermal Characteristics
Table 4 shows the thermal characteristics for the MPC885/MPC880.
Table 3. Operating Temperatures
Rating
Symbol
Value
Unit
Temperature1 (standard)
1 Minimum temperatures are guaranteed as ambient temperature, T
A. Maximum
temperatures are guaranteed as junction temperature, TJ.
TA(min)
0°C
TJ(max)
95
°C
Temperature (extended)
TA(min)
–40
°C
TJ(max)
100
°C
Table 4. MPC885/MPC880 Thermal Resistance Data
Rating
Environment
Symbol
Value
Unit
Junction-to-ambient1
1 Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, airflow, power dissipation of other components on the board, and board thermal resistance.
Natural convection
Single-layer board (1s)
RθJA
2
2 Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
37
°C/W
Four-layer board (2s2p)
RθJMA
3
3 Per JEDEC JESD51-6 with the board horizontal.
25
Airflow (200 ft/min)
Single-layer board (1s)
RθJMA
3
30
Four-layer board (2s2p)
RθJMA
3
22
Junction-to-board4
4 Thermal resistance between the die and the printed-circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
——
RθJB
17
Junction-to-case 5
5 Indicates the average thermal resistance between the die and the case top surface as measured by the cold plate method
(MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case temperature. For exposed pad packages
where the pad would be expected to be soldered, junction-to-case thermal resistance is a simulated value from the junction to
the exposed pad without contact resistance.
——
RθJC
10
Junction-to-package top6
6 Thermal characterization parameter indicating the temperature difference between package top and the junction temperature
per JEDEC JESD51-2.
Natural convection
—
ΨJT
2
Airflow (200 ft/min)
—
ΨJT
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com