Electronic Components Datasheet Search
  English  ▼

X  

MPC5602P Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MPC5602P
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602P Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MPC5602P Datasheet HTML 40Page - NXP Semiconductors MPC5602P Datasheet HTML 41Page - NXP Semiconductors MPC5602P Datasheet HTML 42Page - NXP Semiconductors MPC5602P Datasheet HTML 43Page - NXP Semiconductors MPC5602P Datasheet HTML 44Page - NXP Semiconductors MPC5602P Datasheet HTML 45Page - NXP Semiconductors MPC5602P Datasheet HTML 46Page - NXP Semiconductors MPC5602P Datasheet HTML 47Page - NXP Semiconductors MPC5602P Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
44
3.8.2
Voltage monitor electrical characteristics
The device implements a power on reset module to ensure correct power-up initialization, as well as three low voltage detectors
to monitor the VDD and the VDD_LV voltage while device is supplied:
•
POR monitors VDD during the power-up phase to ensure device is maintained in a safe reset state
•
LVDHV3 monitors VDD to ensure device reset below minimum functional supply
•
LVDHV5 monitors VDD when application uses device in the 5.0 V ± 10% range
BC817
Infineon
BC817-16; BC817-25; BC817SU
NXP
BC817-16; BC817-25
BCP56
ST
BCP56-16
Infineon
BCP56-10; BCP56-16
ON Semi
BCP56-10
NXP
BCP56-10; BCP56-16
1 For automotive applications please check with the appropriate transistor vendor for automotive grade
certification
Table 14. Voltage regulator electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ Max
VDD_LV_REGCOR CC P Output voltage under maximum
load run supply current
configuration
Post-trimming
1.15
—
1.32
V
CDEC1
SR — External decoupling/stability
ceramic capacitor
BJT from Table 13. Three
capacitors (i.e. X7R or X8R
capacitors) with nominal value
of 10 µF
19.5
30
—
µF
BJT BC817, one capacitance
of 22 µF
14.3
22
—
µF
RREG
SR — Resulting ESR of either one or
all three CDEC1
Absolute maximum value
between 100 kHz and 10 MHz
——
45
m
CDEC2
SR — External decoupling/stability
ceramic capacitor
Four capacitances (i.e. X7R or
X8R capacitors) with nominal
value of 440 nF
1200 1760
—
nF
CDEC3
SR — External decoupling/stability
ceramic capacitor on
VDD_HV_REG
Three capacitors (i.e. X7R or
X8R capacitors) with nominal
value of 10 µF; CDEC3 has to
be equal or greater than
CDEC1
19.5
30
—
µF
LReg
SR — Resulting ESL of VDD_HV_REG,
BCTRL and VDD_LV_CORx pins
——
—
5
nH
Table 13. Approved NPN ballast components
Part
Manufacturer
Approved derivatives1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com