Electronic Components Datasheet Search
  English  ▼

X  

MPC880ZP66 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MPC880ZP66
Description  MPC885/MPC880 PowerQUICC Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC880ZP66 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MPC880ZP66 Datasheet HTML 7Page - NXP Semiconductors MPC880ZP66 Datasheet HTML 8Page - NXP Semiconductors MPC880ZP66 Datasheet HTML 9Page - NXP Semiconductors MPC880ZP66 Datasheet HTML 10Page - NXP Semiconductors MPC880ZP66 Datasheet HTML 11Page - NXP Semiconductors MPC880ZP66 Datasheet HTML 12Page - NXP Semiconductors MPC880ZP66 Datasheet HTML 13Page - NXP Semiconductors MPC880ZP66 Datasheet HTML 14Page - NXP Semiconductors MPC880ZP66 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7
Freescale Semiconductor
11
Power Dissipation
5
Power Dissipation
Table 5 provides information on power dissipation. The modes are 1:1, where CPU and bus speeds are
equal, and 2:1, where CPU frequency is twice bus speed.
NOTE
The values in Table 5 represent VDDL-based power dissipation and do not
include I/O power dissipation over VDDH. I/O power dissipation varies
widely by application due to buffer current, depending on external circuitry.
The VDDSYN power dissipation is negligible.
6
DC Characteristics
Table 6 provides the DC electrical characteristics for the MPC885/MPC880.
Table 5. Power Dissipation (PD)
Die Revision
Bus Mode
CPU
Frequency
Typical1
1 Typical power dissipation at V
DDL = VDDSYN = 1.8 V, and VDDH is at 3.3 V.
Maximum2
2 Maximum power dissipation at V
DDL = VDDSYN = 1.9 V, and VDDH is at 3.5 V.
Unit
0
1:1
66 MHz
310
390
mW
80 MHz
350
430
mW
2:1
133 MHz
430
495
mW
Table 6. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Operating voltage
VDDL (core)
1.7
1.9
V
VDDH (I/O)
3.135
3.465
V
VDDSYN
1
1.7
1.9
V
Difference
between VDDL
and VDDSYN
—100
mV
Input high voltage (all inputs except EXTAL and EXTCLK)2
VIH
2.0
3.465
V
Input low voltage3
VIL
GND
0.8
V
EXTAL, EXTCLK input high voltage
VIHC
0.7*(VDDH)VDDH
V
Input leakage current, Vin = 5.5 V (except TMS, TRST, DSCK and DSDI
pins) for 5-V tolerant pins 2
Iin
—
100
µA
Input leakage current, Vin = VDDH (except TMS, TRST, DSCK, and DSDI)
IIn
—10
µA
Input leakage current, Vin = 0 V (except TMS, TRST, DSCK and DSDI
pins)
IIn
—10
µA
Input capacitance4
Cin
—20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com